Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX811-EUS-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX811-EUS-T
Description  4-Pin uP Voltage Monitors with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX811-EUS-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX811-EUS-T Datasheet HTML 1Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 2Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 3Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 7Page - Maxim Integrated Products MAX811-EUS-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
__________ Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the MAX811/
MAX812 are relatively immune to short duration nega-
tive-going VCC transients (glitches).
Figure 1 shows typical transient durations vs. reset
comparator overdrive, for which the MAX811/MAX812
do not generate a reset pulse. This graph was generat-
ed using a negative-going pulse applied to VCC, start-
ing above the actual reset threshold and ending below
it by the magnitude indicated (reset comparator over-
drive). The graph indicates the typical maximum pulse
width a negative-going VCC transient may have without
causing a reset pulse to be issued. As the magnitude
of the transient increases (goes farther below the reset
threshold), the maximum allowable pulse width
decreases. Typically, a VCC transient that goes 125mV
below the reset threshold and lasts 40µs or less
(MAX81_L/M) or 20µs or less (MAX81_T/S/R) will not
cause a reset pulse to be issued. A 0.1µF capacitor
mounted as close as possible to VCC provides addi-
tional transient immunity.
Ensuring a Valid RESET Output
Down to VCC = 0V
When VCC falls below 1V, the MAX811 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS-logic inputs con-
nected to the RESET output can drift to undetermined
voltages. This presents no problem in most applica-
tions, since most µP and other circuitry is inoperative
with VCC below 1V. However, in applications where the
RESET output must be valid down to 0V, adding a pull-
down resistor to the RESET pin will cause any stray
leakage currents to flow to ground, holding RESET low
(Figure 2). R1’s value is not critical; 100k
Ω is large
enough not to load RESET and small enough to pull
RESET to ground.
A 100k
Ω pull-up resistor to VCC is also recommended
for the MAX812 if RESET is required to remain valid for
VCC < 1V.
4-Pin µP Voltage Monitors
with Manual Reset Input
6
_______________________________________________________________________________________
5
6
7
8
4
0
1
100
1000
2
1
3
RESET COMPARATOR OVERDRIVE , VTH - VCC (mV)
10
TA = +25
°C
MAX81 _L/M
MAX81 _R/S/T
R1
VCC
GND
MAX811
RESET
Figure 1. Maximum Transient Duration without Causing a
Reset Pulse vs. Comparator Overdrive
Figure 2. RESET Valid to VCC = Ground Circuit


Similar Part No. - MAX811-EUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811-MAX812 MAXIM-MAX811-MAX812 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results

Similar Description - MAX811-EUS-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com