Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX821SUS-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX821SUS-T
Description  4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX821SUS-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX821SUS-T Datasheet HTML 1Page - Maxim Integrated Products MAX821SUS-T Datasheet HTML 2Page - Maxim Integrated Products MAX821SUS-T Datasheet HTML 3Page - Maxim Integrated Products MAX821SUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX821SUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX821SUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX821SUS-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
_______________________________________________________________________________________
3
Note 1: RESET output for MAX821; RESET output for MAX822.
Note 2: During reset active timeout period only.
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
0.3
0.4
pF
20
SRT Input Capacitance
(Note 3) (see Setting
the Reset Timeout Delay
section)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX821R/S/T/U only, ISINK = 1.2mA,
VCC = VTH(MIN)
MAX821L/M/P only, ISINK = 3.2mA,
VCC = VTH(MIN)
Internal
CONDITIONS
0.3
VOL
0.3
ISINK = 50µA
0.3
0.4
MAX822R/S/T only, ISINK = 1.2mA,
VCC = VTH(MAX)
MAX822L/M only, ISINK = 3.2mA,
VCC = VTH(MAX)
V
0.8VCC
VOH
RESET Output Voltage
(MAX821)
VCC -1.5
MAX821R/S/T/U only, ISOURCE = 500µA,
VCC
≥ VTH(MAX)
MAX821L/M/P only, ISOURCE = 800µA,
VCC
≥ VTH(MAX)
0.6
-40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
0.7
TEMPERATURE (°C)
40
60
80
0.9
0.8
-20
20
100
1.0
0
SRT = GND
30
-40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
32
31
TEMPERATURE (°C)
40
60
80
35
34
33
-20
20
100
36
0
SRT = VCC
150
-40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
160
155
TEMPERATURE (°C)
40
60
80
175
170
165
-20
20
100
180
0
SRT = UNCONNECTED
VOL
V
VOH
RESET Output Voltage
(MAX822)
0.8VCC
ISOURCE = 150µA, 1.4V
≤ VCC ≤ VTH(MIN)
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
TA = 0°C to +70°C,
VCC
≥ 1V
TA = -40°C to +85°C,
VCC
≥ 1.2V


Similar Part No. - MAX821SUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX821SUS-T MAXIM-MAX821SUS-T Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
MAX821SUS-T MAXIM-MAX821SUS-T Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results

Similar Description - MAX821SUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX821 MAXIM-MAX821_05 Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
MAX821 MAXIM-MAX821 Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Microchip Technology
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com