Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9673AEFJ-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD9673AEFJ-E2
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9673AEFJ-E2 Datasheet(HTML) 4 Page - Rohm

  BD9673AEFJ-E2 Datasheet HTML 1Page - Rohm BD9673AEFJ-E2 Datasheet HTML 2Page - Rohm BD9673AEFJ-E2 Datasheet HTML 3Page - Rohm BD9673AEFJ-E2 Datasheet HTML 4Page - Rohm BD9673AEFJ-E2 Datasheet HTML 5Page - Rohm BD9673AEFJ-E2 Datasheet HTML 6Page - Rohm BD9673AEFJ-E2 Datasheet HTML 7Page - Rohm BD9673AEFJ-E2 Datasheet HTML 8Page - Rohm BD9673AEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/20
Datasheet
Datasheet
BD9673AEFJ
TSZ02201-0Q1Q0AJ00190-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
28.JAN.2014 Rev.003
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
VCC-GND Supply Voltage
VCC
45
V
BST-GND Voltage
VBST
50
V
BST-Lx Voltage
⊿VBST
7
V
EN-GND Voltage
VEN
45
V
Lx-GND Voltage
VLX
45
V
FB-GND Voltage
VFB
7
V
VC-GND Voltage
VC
7
V
SYNC-GND Voltage
SYNC
7
V
High-side FET Drain Current
IDH
3.5
A
Power Dissipation
Pd
3.76
(*1)
W
Operating Temperature
Topr
-40~+105
Storage Temperature
Tstg
-55~+150
Junction Temperature
Tjmax
+150
(*1)During mounting of 70×70×1.6t mm 4layer board (Copper area: 70mm×70mm).Reduce by 30.08mW for every 1℃ increase. (Above 25℃)
●Electrical Characteristics (Unless otherwise specified Ta=25℃, VCC=24V, Vo=5V,EN=3V )
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
【Circuit Current】
Stand-by current of VCC
Ist
0
10
µA
VEN=0V
Circuit current of VCC
Icc
1
2
mA
FB=1.2V
【Under Voltage Lock Out (UVLO)】
Detect Voltage
Vuv
6.1
6.4
6.7
V
Hysteresis width
Vuvhy
200
300
mV
【Oscillator】
Oscillating frequency
fosc
270
300
330
kHz
Max Duty Cycle
Dmax
85
91
97
%
【Error Amp】
FB threshold voltage
VFB
0.990
1.000
1.010
V
Input bias current
IFB
-1.0
0
1.0
µA
VFB=0V
Error amplifier DC gain
AVEA
700
7000
70000
V/V
Trans Conductance
GEA
110
220
440
µA/V
IVC=±10µA,
VC=1.5V
Soft Start Time
Tsoft
7
10
13
ms
【Current Sense Amp】
VC to switch current transconductance
GCS
5
10
20
A/V
【Output】
Lx NMOS ON resistance
RonH
200
340
m
Lx pre-charge NMOS ON resistance
RonL
10
17


Similar Part No. - BD9673AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ-E2 ROHM-BD9673EFJ-E2 Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9673AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com