Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX822MUS-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX822MUS-T
Description  4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX822MUS-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX822MUS-T Datasheet HTML 1Page - Maxim Integrated Products MAX822MUS-T Datasheet HTML 2Page - Maxim Integrated Products MAX822MUS-T Datasheet HTML 3Page - Maxim Integrated Products MAX822MUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX822MUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX822MUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX822MUS-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0.997
-40
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
0.999
0.998
TEMPERATURE (°C)
40
60
80
1.002
1.001
1.000
-20
20
100
1.003
0
______________________________________________________________Pin Description
1
GND
Ground
2
RESET
Active-Low Reset Output. RESET is low while VCC is below the reset threshold. It remains
low for the reset timeout period after the reset condition is terminated. The reset timeout
period is determined by the SRT input.
RESET
Active-High Reset Output. RESET is high while VCC is below the reset threshold. It remains
high for the reset timeout period after the reset condition is terminated. The reset timeout
period is determined by the SRT input.
3
SRT
Set Reset Timeout Input. Connect to GND for 1ms (max) delay; connect to VCC for 20ms
(min) delay; leave unconnected for 100ms (min) delay.
4
VCC
Supply Voltage
1
PIN
2
3
4
NAME
FUNCTION
MAX821
MAX822
0
-40
MAX82_R/S/T POWER-DOWN RESET DELAY
vs. TEMPERATURE
10
5
TEMPERATURE (°C)
40
60
80
40
35
30
25
20
15
-20
20
100
45
0
VCC FALLING AT 1mV/
µs
VCC FALLING AT 10mV/
µs
0
-40
MAX82_L/M POWER-DOWN RESET DELAY
vs. TEMPERATURE
20
10
TEMPERATURE (°C)
40
60
80
50
40
30
-20
20
100
60
0
VCC FALLING AT 1mV/
µs
VCC FALLING AT 10mV/
µs
0.90
-40
NORMALIZED SUPPLY
CURRENT vs. TEMPERATURE
0.95
TEMPERATURE (°C)
40
60
80
1.05
1.00
-20
20
100
1.10
0


Similar Part No. - MAX822MUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX822MUS-T MAXIM-MAX822MUS-T Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
MAX822MUS-T MAXIM-MAX822MUS-T Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results

Similar Description - MAX822MUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX821 MAXIM-MAX821_05 Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
MAX821 MAXIM-MAX821 Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Microchip Technology
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com