Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVZ2473C04 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PVZ2473C04
Description  SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ2473C04 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ2473C04 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PVZ2473C04 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Driver Plate
Resistive Element
Ceramic Substrate
#3-Terminal
#1-Terminal
Wiper
#2-Terminal
c Construction
(
Tolerance : ±0.1 )
in mm
1.1
0.70
1.90
c Standard Land Pattern
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±10% (10 cycles)
Humidity Exposure
High Temperature
Exposure
Humidity Load Life
Load Life
Temperature Cycle
Rotational Life
c Characteristics
R50E.pdf
Jul.23,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - PVZ2473C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ2473C04 MURATA-PVZ2473C04 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVZ2473C04 MURATA-PVZ2473C04 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results

Similar Description - PVZ2473C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
R50E MURATA-R50E Datasheet
1Mb / 55P
   Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
ERNI Electronics
DC0000128 ERNI-DC0000128 Datasheet
71Kb / 1P
   Messerleste SMD, Powerm. 2mm Male Con. SMD. Powerm, 2mm
DC0000093 ERNI-DC0000093 Datasheet
104Kb / 1P
   Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
logo
Murata Manufacturing Co...
PVM4A101A01 MURATA-PVM4A101A01 Datasheet
111Kb / 6P
   SMD Sealed Type 4mm Size PVM4 Series
logo
ERNI Electronics
DC0000092 ERNI-DC0000092 Datasheet
111Kb / 1P
   Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
214550 ERNI-214550 Datasheet
71Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100100010001 ERNI-100100010001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100302770001 ERNI-100302770001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100100630001 ERNI-100100630001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com