Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX987ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX987ESA
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX987ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX987ESA Datasheet HTML 5Page - Maxim Integrated Products MAX987ESA Datasheet HTML 6Page - Maxim Integrated Products MAX987ESA Datasheet HTML 7Page - Maxim Integrated Products MAX987ESA Datasheet HTML 8Page - Maxim Integrated Products MAX987ESA Datasheet HTML 9Page - Maxim Integrated Products MAX987ESA Datasheet HTML 10Page - Maxim Integrated Products MAX987ESA Datasheet HTML 11Page - Maxim Integrated Products MAX987ESA Datasheet HTML 12Page - Maxim Integrated Products MAX987ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
______________________________________________________________________________________
11
__Ordering Information (continued)
Typical Application Circuit
MAX98_
MAX99_
IN+
0.1µF
*RPULLUP
THRESHOLD DETECTOR
* MAX988/MAX992/MAX996 ONLY
VIN
OUT
VCC
VCC
VEE
VREF
IN-
__________________________________________________Tape-and-Reel Information
4.0 ±0.1
0.30 ±0.05
0.8 ±0.05
0.30R MAX.
Bo
K
o
2.2 ±0.1
0.5 RADIUS
TYPICAL
A0
4.0 ±0.1
2.0 ±0.05
1.5 +0.1/-0.0 DIAMETER
1.75 ±0.1
1.0 ±0.1
A
8.0 ±0.3
3.5 ±0.05
1.0 MINIMUM
A
Ao = 3.1mm ±0.1
Bo = 2.7mm ±0.1
Ko = 1.2mm ±0.1
NOTE: DIMENSIONS ARE IN MM. AND
FOLLOW EIA481-1 STANDARD.
PART
PIN-PACKAGE
PKG
CODE
TOP
MARK
MAX988EXK-T
5 SC70-5
X5-1
ABN
MAX988EUK-T
5 SOT23-5
U5-1
ABZC
MAX988ESA
8 SO
S8-2
MAX991EKA-T
8 SOT23-8
K8-5
AAEB
MAX991EUA-T
8 µMAX-8
U8-1
MAX991ESA
8 SO
S8-2
MAX992EKA-T
8 SOT23-8
K8-5
AAEC
MAX992EUA-T
8 µMAX-8
U8-1
MAX992ESA
8 SO
S8-2
MAX995EUD
14 TSSOP
U14-1
MAX995ESD
14 SO
S14-4
MAX996EUD
14 TSSOP
U14-1
MAX996ESD
14 SO
S14-4
Note: All devices specified over the -40°C to +85°C operating
temperature range.


Similar Part No. - MAX987ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987ESA MAXIM-MAX987ESA Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX987ESA MAXIM-MAX987ESA Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987ESA MAXIM-MAX987ESA Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
More results

Similar Description - MAX987ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
   Rail-to-rail micropower BiCMOS comparators
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
   RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com