Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63005MUV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD63005MUV-E2
Description  3-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63005MUV-E2 Datasheet(HTML) 5 Page - Rohm

  BD63005MUV-E2 Datasheet HTML 1Page - Rohm BD63005MUV-E2 Datasheet HTML 2Page - Rohm BD63005MUV-E2 Datasheet HTML 3Page - Rohm BD63005MUV-E2 Datasheet HTML 4Page - Rohm BD63005MUV-E2 Datasheet HTML 5Page - Rohm BD63005MUV-E2 Datasheet HTML 6Page - Rohm BD63005MUV-E2 Datasheet HTML 7Page - Rohm BD63005MUV-E2 Datasheet HTML 8Page - Rohm BD63005MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Datasheet
Datasheet
5/15
TSZ02201-0P1P0B000610-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
14.JAN.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD63005MUV
6) CW/CCW Input Terminal (CW)
Rotation direction can be switched with CW terminal. When CW="H" or OPEN, the direction is CW. When CW="L",
the direction is CCW. Though we do not recommend switching rotation direction when motor is rotating, because if
rotation direction is switched when rotating, the rotation speed becomes hall frequency that is up to less than 40Hz
(Typ) and it is switched to the set rotation direction after the action short brake. In addition, CW terminal is pulled up
by VREG through resistance of 100k
Ω (Typ) ±30kΩ.
CW
Direction
H or OPEN
CW
L
CCW
7) 1FG/3FG Switching Terminal (FGSW)
FG signal that is output from FGO terminal can be switched to 1FG/3FG. It becomes 3FG by FGSW="H" or OPEN,
and 1 FG by FGSW="L". Moreover, FGSW terminal is pulled up by VREG through resistance of 100k
Ω (Typ)±30kΩ.
FGSW
FGO
H or OPEN
3FG
L
1FG
8) Hall Input (HALL: HUP, HUN, HVP, HVN, HWP, HWN)
Hall input amplifier is designed with hysteresis (±15mV (Typ)) in order to prevent incorrect action due to noise inside.
So please set bias current for Hall element to make amplitude of Hall input voltage over minimum input voltage
(VHALLMIN). Here, we recommend you to connect the ceramic capacitor with about 100pF to 0.01µF between
difference input terminals of Hall amplifier. The in-phase input voltage range designed for Hall input Amplifier is
VHALLCM, 0V to VREG-1.7V, so please set within this range when applying bias to Hall element. When all Hall inputs
become "H" or "L", detect circuit detects these Hall input abnormalities and makes all driver outputs "Hi-z".
9) FG Output Terminal (FGO)
1FG or 3FG signal that is reshaped by hall signal is output from FGO terminal. It is does not have output in stand-by
mode. In addition, because FG terminal is output from open drain, please use resistance of about 10k
Ω to 100kΩ
pulled up from outside. In that case, please be careful that FGO voltage or current never exceed rating.
10) Power Supply Terminal (VCC)
Please make low impedance thick and short since motor drive current flows. Please stabilize VCC by placing bypass
capacitor near terminal as much as possible because VCC might be changed considerably by motor BEMF and PWM
switching. Please add capacity of capacitor as necessary when using large current and motor with large BEMF.
Moreover, it is recommended to place laminated ceramic capacitor of around 0.01µF to 0.1µF in parallel on the
purpose of decreasing impedance of power supply broadband. Please be careful that VCC never exceeds ratings.
VCC terminal has clamp element for preventing ESD damage. If applying steep pulse signal and voltage such as
surge more than ratings, this clamp element operates, which might be a cause of destruction. It is effective to put
zener diode that corresponds to VCC absolute maximum ratings. Diode for preventing ESD damage is inserted
between VCC and GND terminals. Please note that IC might be destroyed when BEMF is applied to VCC and GND
terminals.
11) Ground Terminal (GND, PGND)
Wiring impedance from this terminal should be as low as possible for reducing noise of switching current and
stabilizing basic voltage inside of IC, and the impedance also should be the lowest potential in any operating
condition. In addition, please do pattern design not to have same impedance as other GND pattern.
12) Driver Output Terminal (U, V, W)
Impedance wiring should be thick, short, and low due to motor drive current. When using big current, in case that
driver current changes considerably toward positive and negative (when BEMF is large), malfunction or destruction of
IC might occur. It is effective to add shot key diode. Moreover, clamp element is built in driver output terminal in order
to prevent ESD damage. If applying steep pulse signal or voltage such as surge more than ratings, this clamp
element operates. Then it might cause destruction of IC, so that please pay attention not to exceed ratings.
Additionally, When driver output converts "L"→"H" or "H"→"L", for example when synchronous rectification PWM
operating , dead time (1µs to 2µs(Typ)) can be set to prevent simultaneous ON of output top & bottom MOS.
13) Capacitor Connection Terminal for Boosting, Boosting Output Terminal (CP1, CP2, VG)
Charge pump is built-in for upper Nch MOS drive signal of driver output. Boosting voltage of VCC+5V (Typ) occurs in
VG terminal by connecting capacitor between CP1 to CP2 terminals and VG to VCC terminals. It is recommended to
use capacitor more than 0.1µF.


Similar Part No. - BD63005MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63005AMUV ROHM-BD63005AMUV Datasheet
1Mb / 24P
   Three-Phase Brushless Motor Driver
BD63005AMUV-E2 ROHM-BD63005AMUV-E2 Datasheet
1Mb / 24P
   Three-Phase Brushless Motor Driver
More results

Similar Description - BD63005MUV-E2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com