Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD02S36V18-200BBC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYD02S36V18-200BBC
Description  FullFlex Synchronous SDR Dual Port SRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S36V18-200BBC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYD02S36V18-200BBC Datasheet HTML 1Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 2Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 3Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 4Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 5Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 6Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 7Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 8Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Document Number: 38-06082 Rev. *O
Page 4 of 53
CYDXXS72V18
CYDXXS36V18
CYDXXS18V18
Figure 1. FullFlex72 SDR 484-ball BGA Pinout (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15161718
19
20
21
22
A
DNU DQ61L
DQ59L
DQ57L
DQ54L
DQ51L
DQ48L
DQ45L
DQ42L
DQ39L
DQ36L DQ36R
DQ39R
DQ42R
DQ45R
DQ48R
DQ51R
DQ54R DQ57R
DQ59R
DQ61R
DNU
B DQ63L DQ62L
DQ60L
DQ58L
DQ55L
DQ52L
DQ49L
DQ46L
DQ43L
DQ40L
DQ37L DQ37R
DQ40R
DQ43R
DQ46R
DQ49R
DQ52R
DQ55R DQ58R
DQ60R
DQ62R DQ63R
C DQ65L DQ64L
VSS
VSS
DQ56L
DQ53L
DQ50L
DQ47L
DQ44L
DQ41L
DQ38L DQ38R
DQ41R
DQ44R
DQ47R
DQ50R
DQ53R
DQ56R
VSS
VSS
DQ64R DQ65R
D DQ67L DQ66L
VSS
VSS
VSS
CQ1L
CQ1L
VSS
LOWSPDL PORTSTD0L ZQ0L[4]
BUSYL CNTINTL PORTSTD1L
DNU
CQ1R
CQ1R
VSS
VSS
VSS
DQ66R DQ67R
E DQ69L DQ68L VDDIOL
VSS
VSS
VDDIOL VDDIOL VDDIOL VDDIOL
VDDIOL
VTTL
VTTL
VTTL
VDDIOR VDDIOR VDDIOR VDDIOR
DNU
VSS
VDDIOR DQ68R DQ69R
F DQ71L DQ70L
CE1L
CE0L
VDDIOL VDDIOL VDDIOL VDDIOL VDDIOL
VCORE
VCORE
VCORE VCORE
VDDIOR VDDIOR VDDIOR VDDIOR VDDIOR CE0R
CE1R
DQ70R DQ71R
G
A0L
A1L
RETL
BE4L
VDDIOL VDDIOL VREFL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VREFR VDDIOR VDDIOR BE4R
RETR
A1R
A0R
H
A2L
A3L
WRPL
BE5L
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE5R
WRPR
A3R
A2R
J
A4L
A5L
READYL
BE6L
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE6R
READYR
A5R
A4R
K
A6L
A7L
ZQ1L[4, 5]
BE7L
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE VDDIOR BE7R
ZQ1R[4, 5]
A7R
A6R
L
A8L
A9L
CL
OEL
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
OER
CR
A9R
A8R
M
A10L
A11L
VSS
BE3L
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
BE3R
VSS
A11R
A10R
N
A12L
A13L
ADSL
BE2L
VDDIOL VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
BE2R
ADSR
A13R
A12R
P
A14L
A15L
CNT/MSKL
BE1L
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE1R
CNT/MSKR
A15R
A14R
R A16L
[8] A17L[7] CNTENL
BE0L
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE0R
CNTENR A17R[7] A16R[8]
T A18L
[6]
DNU CNTRSTL
INTL
VDDIOL VDDIOL VREFL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VREFR VDDIOR VDDIOR
INTR
CNTRSTR
DNU
A18R[6]
U DQ35L DQ34L
R/WL
CQENL VDDIOL VDDIOL VDDIOL VDDIOL VDDIOL
VCORE
VCORE
VCORE VCORE
VDDIOR VDDIOR VDDIOR VDDIOR VDDIOR CQENR
R/WR
DQ34R DQ35R
V DQ33L DQ32L FTSELL
VDDIOL
DNU
VDDIOL VDDIOL VDDIOL VDDIOL
VTTL
VTTL
VTTL
VDDIOR
VDDIOR VDDIOR VDDIOR VDDIOR
TRST
VDDIOR
FTSELR
DQ32R DQ33R
W DQ31L DQ30L
VSS
MRST
VSS
CQ0L
CQ0L
DNU
PORTSTD1R
CNTINTR BUSYR ZQ0R[4] PORTSTD0R LOWSPDR
VSS
CQ0R
CQ0R
VSS
TDI
TDO
DQ30R DQ31R
Y DQ29L DQ28L
VSS
VSS
DQ20L
DQ17L
DQ14L
DQ11L
DQ8L
DQ5L
DQ2L
DQ2R
DQ5R
DQ8R
DQ11R
DQ14R
DQ17R
DQ20R
TMS
TCK
DQ28R DQ29R
AA DQ27L DQ26L
DQ24L
DQ22L
DQ19L
DQ16L
DQ13L
DQ10L
DQ7L
DQ4L
DQ1L
DQ1R
DQ4R
DQ7R
DQ10R
DQ13R
DQ16R
DQ19R DQ22R
DQ24R
DQ26R DQ27R
AB DNU DQ25L
DQ23L
DQ21L
DQ18L
DQ15L
DQ12L
DQ9L
DQ6L
DQ3L
DQ0L
DQ0R
DQ3R
DQ6R
DQ9R
DQ12R
DQ15R
DQ18R DQ21R
DQ23R
DQ25R
DNU
Notes
4. Leave this ball unconnected to disable VIM.
5. This ball is applicable only for 36-Mbit and DNU for 18-Mbit and lower densities.
6. Leave this Ball unconnected for CYD18S72V18 and CYD09S72V18.
7. Leave this Ball unconnected for CYD09S72V18.
8. Leave this Ball unconnected for CYD04S72V18.


Similar Part No. - CYD02S36V18-200BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V CYPRESS-CYD02S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD02S36V18-200BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FULLFLEX CYPRESS-FULLFLEX Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Fujitsu Component Limit...
MB8421 FUJITSU-MB8421 Datasheet
612Kb / 14P
   CMOS 16K-BIT DUAL-PORT SRAM
MB8441-45 FUJITSU-MB8441-45 Datasheet
992Kb / 19P
   CMOS 64K-BIT DUAL PORT SRAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com