Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX991EUA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX991EUA-T
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX991EUA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX991EUA-T Datasheet HTML 2Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 3Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 4Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 5Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 6Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 7Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 8Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 9Page - Maxim Integrated Products MAX991EUA-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
6
_______________________________________________________________________________________
POWER-UP DELAY
VCC
OUT
MAX987-16
5µs/div
2V/div
2V/div
VIN- = 50mV
VIN+ = 0V
SWITCHING CURRENT, OUT FALLING
IN+
OUT
ICC
MAX987-14
200ns/div
50mV/div
2V/div
2mA/div
VOD = 50mV
1MHZ RESPONSE
IN+
OUT
MAX987-15
200ns/div
50mV/div
2V/div
VOD = 50mV
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX991EUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX991EUA-T MAXIM-MAX991EUA-T Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
More results

Similar Description - MAX991EUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
   Rail-to-rail micropower BiCMOS comparators
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
   RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com