Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX992EKA-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX992EKA-T
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX992EKA-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX992EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 9Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 10Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 11Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 12Page - Maxim Integrated Products MAX992EKA-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
10
______________________________________________________________________________________
Zero-Crossing Detector
Figure 3 shows a zero-crossing detector application.
The MAX987’s inverting input is connected to ground,
and its noninverting input is connected to a 100mVp-p
signal source. As the signal at the noninverting input
crosses 0V, the comparator’s output changes state.
Logic-Level Translator
Figure 4 shows an application that converts 5V logic lev-
els to 3V logic levels. The MAX988 is powered by the +5V
supply voltage, and the pullup resistor for the MAX988’s
open-drain output is connected to the +3V supply volt-
age. This configuration allows the full 5V logic swing with-
out creating overvoltage on the 3V logic inputs. For 3V to
5V logic-level translation, simply connect the +3V supply
to VCC and the +5V supply to the pullup resistor.
MAX987
IN+
4
3
OUT
1
2
5
VCC
100mV
VCC
VEE
IN-
0.1µF
MAX988
IN-
100kΩ
100kΩ
4
3
RPULLUP
3V (5V)
LOGIC OUT
OUT
1
5
2
VCC
+5V (+3V)
+3V (+5V)
VEE
5V (3V) LOGIC IN
IN+
0.1µF
Figure 3. Zero-Crossing Detector
Figure 4. Logic-Level Translator
Pin Configurations (continued)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
MAX995
MAX996
INC+
INC-
OUTC
OUTB
INB-
INB+
SO/TSSOP
OUT
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
IN+
N.C.
SO
TOP VIEW
3
4
6
5
MAX987
MAX988
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
SO/µMAX/SOT23
3
4
6
5
MAX991
MAX992


Similar Part No. - MAX992EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX992EKA-T MAXIM-MAX992EKA-T Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
More results

Similar Description - MAX992EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
   Rail-to-rail micropower BiCMOS comparators
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
   RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com