Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD18S18V18-200BBAXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYD18S18V18-200BBAXI
Description  FullFlex Synchronous SDR Dual Port SRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S18V18-200BBAXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYD18S18V18-200BBAXI Datasheet HTML 4Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 5Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 6Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 7Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 8Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 9Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 10Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 11Page - Cypress Semiconductor CYD18S18V18-200BBAXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Document Number: 38-06082 Rev. *O
Page 8 of 53
CYDXXS72V18
CYDXXS36V18
CYDXXS18V18
Figure 5. FullFlex18 SDR 256-ball BGA (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
DNU
DNU
DNU
DQ17L
DQ16L
DQ13L
DQ12L
DQ9L
DQ9R
DQ12R
DQ13R
DQ16R
DQ17R
DNU
DNU
DNU
B
DNU
DNU
DNU
DNU
DQ15L
DQ14L
DQ11L
DQ10L
DQ10R
DQ11R
DQ14R
DQ15R
DNU
DNU
DNU
DNU
C
DNU
DNU
RETL
INTL
CQ1L
CQ1L
DNU
TRST
MRST
ZQ0R[17]
CQ1R
CQ1R
INTR
RETR
DNU
DNU
D
A0L
A1L
WRPL
VREFL
FTSELL
LOWSPDL
VSS
VTTL
VTTL
VSS
LOWSPDR
FTSELR
VREFR
WRPR
A1R
A0R
E
A2L
A3L
CE0L
CE1L
VDDIOL
VDDIOL
VDDIOL
VCORE
VCORE
VDDIOR
VDDIOR
VDDIOR
CE1R
CE0R
A3R
A2R
F
A4L
A5L
CNTINTL
DNU
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
DNU
CNTINTR
A5R
A4R
G
A6L
A7L
BUSYL
DNU
ZQ0L[17]
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
DNU
BUSYR
A7R
A6R
H
A8L
A9L
CL
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
CR
A9R
A8R
J
A10L
A11L
VSS
PORTSTD1L
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
PORTSTD1R
VSS
A11R
A10R
K
A12L
A13L
OEL
BE1L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE1R
OER
A13R
A12R
L
A14L
A15L
ADSL
BE0L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE0R
ADSR
A15R
A14R
M
A16L
A17L
R/WL
CQENL
VDDIOL
VDDIOL
VDDIOL
VCORE
VCORE
VDDIOR
VDDIOR
VDDIOR
CQENR
R/WR
A17R
A16R
N
A18L[19]
A19L[18]
CNT/MSKL
VREFL
PORTSTD0L
READYL
DNU
VTTL
VTTL
DNU
READYR
PORTSTD0R
VREFR
CNT/MSKR
A19R[18]
A18R[19]
P
DNU
DNU
CNTENL
CNTRSTL
CQ0L
CQ0L
TCK
TMS
TDO
TDI
CQ0R
CQ0R
CNTRSTR
CNTENR
DNU
DNU
R
DNU
DNU
DNU
DNU
DQ6L
DQ5L
DQ2L
DQ1L
DQ1R
DQ2R
DQ5R
DQ6R
DNU
DNU
DNU
DNU
T
DNU
DNU
DNU
DQ8L
DQ7L
DQ4L
DQ3L
DQ0L
DQ0R
DQ3R
DQ4R
DQ7R
DQ8R
DNU
DNU
DNU
Notes
17. Leave this ball unconnected to disable VIM.
18. Leave this ball unconnected for CYD09S18V18.
19. Leave this ball unconnected for CYD04S18V18.


Similar Part No. - CYD18S18V18-200BBAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S18V18 CYPRESS-CYD18S18V18 Datasheet
63Kb / 2P
   18-Mb/9-Mb/4-Mb x36/x18 FullFlex??Dual-Ports
More results

Similar Description - CYD18S18V18-200BBAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FULLFLEX CYPRESS-FULLFLEX Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Fujitsu Component Limit...
MB8421 FUJITSU-MB8421 Datasheet
612Kb / 14P
   CMOS 16K-BIT DUAL-PORT SRAM
MB8441-45 FUJITSU-MB8441-45 Datasheet
992Kb / 19P
   CMOS 64K-BIT DUAL PORT SRAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com