Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD24W Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # LD24W
Description  LD24-xx-xxW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24W Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  LD24W Datasheet HTML 1Page - MicroPower Direct, LLC LD24W Datasheet HTML 2Page - MicroPower Direct, LLC LD24W Datasheet HTML 3Page - MicroPower Direct, LLC LD24W Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
PWM Output Current Control
An LED operates at its maximum efficiency when
operated at the rated drive current specified by
the manufacturer. Operating an LED at lower than
its rated forward current not only decreases the
system efficiency; but may cause color (or wave-
length) shifting. In illumination applications, this
could cause visible changes to lighting.
A preferred method is using pulse width modula-
tion (PWM). As shown at left, the output current
is adjusted by applying a PWM signal to the VADJ
input. By varying the signal duty cycle the average
output current is adjusted up or down. To avoid
visible flicker, the PWM signal should be greater
than 100 Hz.
For duty cycles (DPWM) between 0 and 1, the
output current is derived by the formula:
II
X D
NOM
MAX
PWM
=
The VADJ input may be driven via an open collec-
tor transistor (as shown). The diode and resistor
suppress high amplitude negative spikes that may
be caused by the drain-source capacitance of the
transistor. Negative spikes on the control input of
the unit could cause errors in output current or
erratic operation.
The VADJ input can also be driven by the open drain
output of a microcontroller. Again, any high amplitude
negative spikes that may be caused by the drain-
source capacitance of the FET must be supressed.
PWM Control Signals
PWM Dimming Application
A simple method of achieving digital (or PWM) dimming is by using a 555 timer
to apply a series of pulses to the VADJ input, as illustrated above. The 555 oper-
ates over a supply voltage range of 4.5 VDC to 15VDC. Here it is connected
to the 12 VDC output of the SR7805 switching regulator (this is also the VIN
of the LED driver). Care should be taken to minimize ripple at the VCC input.
Excess ripple could cause timing errors.
The timer is connected for astable (free run) operation. The frequency is set
by R1, R2 and C4. The timing capacitor (C4) charges through R1 and D2. When
it reaches the level of 2/3 VCC, the discharge pin (pin 7) goes low and C4 will
discharge through D1 and R2 to the internal discharge transistor. When the C4
voltage drops to 1/3 VCC, the discharge pin goes high and C4 begins to charge
again. The formulas for calculating the frequency and duty cycle are included
in the MPD application note “Driving LEDs”.
The diodes (D1 and D2) allow duty cycles below 50% to be set. Diode D1
bypasses R2 while C4 is charging. Diode D2 is optional (but recommended),
essentially blocking R2 during the charge period. Theoretically, this circuit will
allow for duty cycles over a range of approximately 5% to 95%. If manual
adjustment is desired, a potentiometer may be substituted for R2 (with some
adjustment of the circuit).
The size of C4 is generally not critical, but it should be as low leakage as pos-
sible. In order to avoid excessive current flow through the internal discharge
transistor, it is recommended that R1 be at least 5 k .
Get a full explanation
of this circuit in “Driving LEDs”.
Available free at the MPD
website


Similar Part No. - LD24W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24 MPD-LD24 Datasheet
632Kb / 4P
   LD24
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-07-250 MPD-LD24-07-250 Datasheet
632Kb / 4P
   Constant Current Output
LD24-07-250 MPD-LD24-07-250 Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
More results

Similar Description - LD24W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD48W MPD-LD48W Datasheet
639Kb / 4P
   LD48-xx-xxW
LD24 MPD-LD24 Datasheet
632Kb / 4P
   LD24
logo
MRV Communications, Inc...
SFP-O3-M MRV-SFP-O3-M Datasheet
49Kb / 2P
   OC-xx/STM-xx SFP Interfaces
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
   Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Adam Technologies, Inc.
MHF-XX-SGS ADAM-TECH-MHF-XX-SGS Datasheet
111Kb / 1P
   XX POSITION HEADER
logo
Tyco Electronics
2-1437653-5 MACOM-2-1437653-5 Datasheet
309Kb / 2P
   6PCV-XX-006
logo
MicroPower Direct, LLC
SRS-05A MPD-SRS-05A Datasheet
589Kb / 4P
   SRS05A-xx SERIES
logo
JFW Industries, Inc.
50S-1360-XX JFW-50S-1360-XX Datasheet
31Kb / 2P
   50S-1360-XX
logo
MicroPower Direct, LLC
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
   LDM12-xx-xxx
logo
Winchester Electronics ...
20906 WINCHESTER-20906 Datasheet
165Kb / 1P
   COMPSITE OUTLINE ASSY SREC xx PJ SREC xx PJ-859
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com