Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRL05A0533 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # SRL05A0533
Description  SRL-05A-XX SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SRL05A0533 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  SRL05A0533 Datasheet HTML 1Page - MicroPower Direct, LLC SRL05A0533 Datasheet HTML 2Page - MicroPower Direct, LLC SRL05A0533 Datasheet HTML 3Page - MicroPower Direct, LLC SRL05A0533 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRL05A-05-3.3 - VIN = 5 VDC, VOUT = 3.3 VDC
SRL05A-12-5.0 - VIN = 12 VDC, VOUT = 5.0 VDC
SRL05A-05-3.3 - VIN = 5 VDC, VOUT = 2.5 VDC
SRL05A-12-5.0 - VIN = 12 VDC, VOUT = 3.3 VDC
SRL05-05A-3.3 - VIN = 5 VDC, VOUT = 1.8 VDC
SRL05A-12-5.0 - VIN = 12 VDC, VOUT = 2.5 VDC
SRL05A-05-3.3 - VIN = 5 VDC, VOUT = 1.5 VDC
SRL05A-12-5.0 - VIN = 12 VDC, VOUT = 2.0 VDC
SRL05A-05-3.3 - VIN = 5 VDC, VOUT = 1.2 VDC
SRL05A-12-5.0 - VIN = 12 VDC, VOUT = 1.5 VDC
SRL05A-05-3.3 - VIN = 5 VDC, VOUT = 0.75 VDC
SRL05A-12-5.0 - VIN = 12 VDC, VOUT = 0.75 VDC
Temperature Measurement
Derating Curves
These switching regulators may be used in a wide variety of thermal environments, but must
be properly cooled to ensure long reliable operation. The derating curves shown above are
approximations of the ambient temperature and airflow required to maintain the switching
regulator temperature below its maximum rating.
Airflow should move across the unit, as shown at left. Proper cooling can be verified by
measuring the temperature at pin six of Q1 (as shown at left). The thermocouple should be
mounted approximately 0.5 in. off the unit board. The temperature at this location should not
exceed 110°C.
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - SRL05A0533

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
   Miniature Surface Mount 5A Output, Switching POL Regulators
More results

Similar Description - SRL05A0533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRL-5-D-D-2 ETC2-SRL-5-D-D-2 Datasheet
362Kb / 2P
   SRL LOCK SWITCHES
logo
Oscilent Corporation
809-SL109.7M-05A OSCILENT-809-SL109.7M-05A Datasheet
213Kb / 6P
   809-SL109.7M-05A
logo
Lorlin Electronics Ltd.
SRL LORLIN-SRL Datasheet
744Kb / 2P
   SRL LOCK SWITCH
logo
MicroPower Direct, LLC
SRS-05A MPD-SRS-05A Datasheet
589Kb / 4P
   SRS05A-xx SERIES
logo
Rohm
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
logo
MicroPower Direct, LLC
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
   LDF24E-XX-XXX SERIES
logo
MRV Communications, Inc...
SFP-O3-M MRV-SFP-O3-M Datasheet
49Kb / 2P
   OC-xx/STM-xx SFP Interfaces
logo
Schurter Inc.
0035.1261 SCHURTER-0035.1261 Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
   Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Adam Technologies, Inc.
MHF-XX-SGS ADAM-TECH-MHF-XX-SGS Datasheet
111Kb / 1P
   XX POSITION HEADER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com