Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR460DP-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR460DP-T1-GE3
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR460DP-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR460DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIR460DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
SiR460DP
New Product
Document Number: 69095
S09-0140-Rev. A, 02-Feb-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
TrenchFET® Gen III Power MOSFET
100 % Rg Tested
100 % Avalanche Tested
APPLICATIONS
Notebook Vcore
DC/DC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.0047 at VGS = 10 V
40g
16.8 nC
0.0061 at VGS = 4.5 V
40g
Ordering Information: SiR460DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 65 °C/W.
g. Package Limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
40g
A
TC = 70 °C
40g
TA = 25 °C
24.3b, c
TA = 70 °C
19.4b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
40g
TA = 25 °C
4.5b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Single Pulse Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
48
W
TC = 70 °C
31
TA = 25 °C
5.0b, c
TA = 70 °C
3.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
20
25
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.1
2.6


Similar Part No. - SIR460DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR460DP VISHAY-SIR460DP Datasheet
110Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 02-Feb-09
logo
Vishay Telefunken
SIR460DP TFUNK-SIR460DP Datasheet
311Kb / 13P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIR460DP VISHAY-SIR460DP_V01 Datasheet
311Kb / 13P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR460DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com