Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDLL944 Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # CDLL944
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL944 Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  CDLL944 Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL944 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
175
TL, Ambient temperature (°C)
FIGURE 2
POWER DERATING CURVE
600
500
400
300
200
100
0
FIGURE 3
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT
WITH CHANGE IN OPERATING CURRENT
+.0010
+.0005
0
-.0005
-.0010
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
OPERATING CURRENT l
ZT
(mA)
567
8
9
10
OPERATING CURRENT l
ZT
(mA)
FIGURE 4
ZENER IMPEDANCE VS. OPERATING CURRENT
100
50
20
10
5
2
1
CDLL941
thru
CDLL945B


Similar Part No. - CDLL944

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CDLL944 MICROSEMI-CDLL944 Datasheet
133Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL944A MICROSEMI-CDLL944A Datasheet
133Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL944B MICROSEMI-CDLL944B Datasheet
133Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - CDLL944

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4574 AMMSEMI-1N4574 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4578 AMMSEMI-1N4578 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4577A AMMSEMI-1N4577A Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com