Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8050W Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8050W
Description  Surface-Mount, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050W Datasheet(HTML) 1 Page - Sanken electric

  SI-8050W Datasheet HTML 1Page - Sanken electric SI-8050W Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
ICs
1-1-3 DC/DC Converter ICs
■Features
•Surface-mount package (SOP8)
• Output current: 0.6A
• High efficiency: 75 to 80%
• Requires only 4 discrete components
• Internally-adjusted phase correction and
output voltage adjustment performed internally
• Built-in reference oscillator (60kHz)
• Built-in overcurrent and thermal protection
circuits
■Electrical Characteristics
(Ta=25°C)
Unit
V
%
kHZ
mV
mV
mV/ °C
dB
A
Parameter
Output Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Ripple Rejection
Overcurrent Protection Starting
Current
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
RREJ
Conditions
IS1
Conditions
■Absolute Maximum Ratings
Unit
V
W
°C
°C
°C/W
°C/W
Ratings
35
1
–30 to +125
–40 to +125
22
100
Symbol
VIN
PD
Tj
Tstg
θj-L
θj-a
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to 7-Pin Lead)
Thermal Resistance (Junction to Ambient Air)*1
■Recommended Operating Conditions
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Symbol
VIN
IO
Tjop
Unit
V
A
°C
Ratings
SI-8033W
SI-8050W
5.3 to 28
7 to 33
0 to 0.6
–30 to +125
*1: Glass-epoxy board of 40 × 40mm (copper laminate area 4.3%)
Ratings
SI-8033W
SI-8050W
min.
typ.
max.
min.
typ.
max.
3.17
3.30
3.43
4.80
5.00
5.20
VIN=15V, IO=0.3A
VIN=20V, IO=0.3A
75
80
VIN=15V, IO=0.3A
VIN=20V, IO=0.3A
60
60
VIN=15V, IO=0.3A
VIN=20V, IO=0.3A
60
80
80
100
VIN=8 to 28V, IO=0.3A
VIN=10 to 30V, IO=0.3A
20
30
30
40
VIN=15V, IO=0.1 to 0.4A
VIN=20V, IO=0.1 to 0.4A
±0.5
±0.5
45
45
f=100 to 120HZ
f=100 to 120HZ
0.61
0.61
VIN=15V
VIN=20V
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000W Series
■Applications
• Power supplies for telecommunication equipment
• Onboard local power supplies


Similar Part No. - SI-8050W

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050W SANKEN-SI-8050W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
More results

Similar Description - SI-8050W

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8033W SANKEN-SI-8033W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000TM SANKEN-SI-8000TM_12 Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com