Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SMC50CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 3SMC50CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

3SMC50CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  3SMC50CA Datasheet HTML 1Page - Central Semiconductor Corp 3SMC50CA Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation
PDM
3000
W
Peak Forward Surge Current (JEDEC Method)
IFSM
200
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
DESCRIPTION
The
CENTRAL
SEMICONDUCTOR
3SMC5.0CA Series types are Surface Mount
Bi-Directional Glass Passivated Junction
Transient Voltage Suppressors designed to
protect voltage sensitive components from
high voltage transients. THIS DEVICE IS
MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM
RELIABILITY.
Note: For Uni-directional devices, please
refer to the 3SMC5.0A Series data sheet.
3SMC5.0CA
THRU
3SMC170CA
SURFACE MOUNT BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
3000 WATTS, 5.0 THRU 170 VOLTS
SMC CASE
REVERSE
BREAKDOWN
VOLTAGE
MAXIMUM
MAXIMUM
MAXIMUM
STAND-OFF
REVERSE
CLAMPING
PEAK PULSE
MARKING
TYPE NO.
VOLTAGE
VBR
@
IT
LEAKAGE
VOLTAGE
CURRENT
CODE
@ V
RWM
@ I
PPM
VRWM
VOLTS
IR
VC
IPPM
VOLTS
MIN
MAX
mA
?A
VOLTS
A
3SMC5.0CA
5.0
6.40
7.25
10
2000
9.2
326.0
CIDE
3SMC6.0CA
6.0
6.67
7.67
10
2000
10.3
291.3
CIDG
3SMC6.5CA
6.5
7.22
8.30
10
1000
11.2
267.9
CIDK
3SMC7.0CA
7.0
7.78
8.95
10
400
12.0
250.0
CIDM
3SMC7.5CA
7.5
8.33
9.58
1.0
200
12.9
232.6
CIDP
3SMC8.0CA
8.0
8.89
10.23
1.0
100
13.6
220.6
CIDR
3SMC8.5CA
8.5
9.44
10.82
1.0
50
14.4
208.4
CIDT
3SMC9.0CA
9.0
10.0
11.5
1.0
20
15.4
194.8
CIDV
3SMC10CA
10
11.1
12.8
1.0
5.0
17.0
176.4
CIDX
3SMC11CA
11
12.2
14.0
1.0
5.0
18.2
184.8
CIDZ
3SMC12CA
12
13.3
15.3
1.0
5.0
19.9
150.6
CIEE
3SMC13CA
13
14.4
16.5
1.0
5.0
21.5
139.4
CIEG


Similar Part No. - 3SMC50CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
More results

Similar Description - 3SMC50CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com