Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA7029M Datasheet(PDF) 1 Page - Sanken electric

Part # SMA7029M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA7029M Datasheet(HTML) 1 Page - Sanken electric

  SMA7029M Datasheet HTML 1Page - Sanken electric SMA7029M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90
ICs
1-2-1 2-Phase Stepper Motor Unipolar Driver ICs
Parameter
Symbol
Ratings
Unit
SLA7022MU
SLA7029M
SMA7022MU
SMA7029M
Motor Supply Voltage
VCC
46
V
FET Drain-Source Voltage
VDSS
100
V
Control Supply Voltage
VS
46
V
TTL Input Voltage
VIN
7V
Reference Voltage
VREF
2V
Output Current
IO
1
1.5
1
1.5
A
Power Dissipation
PD1
4.5 (Without Heatsink)
4.0 (Without Heatsink)
W
PD2
35 (TC=25°C)
28 (TC=25°C)
W
Channel Temperature
Tch
+150
°C
Storage Temperature
Tstg
–40 to +150
°C
■Absolute Maximum Ratings
(Ta=25°C)
Ratings
Parameter
Symbol
SLA7022MU
SLA7029M
SMA7022MU
SMA7029M
Unit
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
Control Supply Current
IS
10
15
10
15
10
15
10
15
mA
Condition
VS=44V
VS=44V
VS=44V
VS=44V
Control Supply Voltage
VS
10
24
44
10
24
44
10
24
44
10
24
44
V
FET Drain-Source Voltage
VDSS
100
100
100
100
V
Condition
VS=44V, IDSS=250µAVS=44V, IDSS=250µAVS=44V, IDSS=250µAVS=44V, IDSS=250µA
FET ON Voltage
VDS
0.85
0.6
0.85
0.6
V
Condition
ID=1A, VS=14V
ID=1A, VS=14V
ID=1A, VS=14V
ID=1A, VS=14V
FET Drain Leakage Current
IDSS
44
4
4
mA
Condition
VDSS=100V, VS=44V
VDSS=100V, VS=44V
VDSS=100V, VS=44V
VDSS=100V, VS=44V
FET Diode Forward Voltage
VSD
1.2
1.1
1.2
1.1
V
Condition
ID=1A
ID=1A
ID=1A
ID=1A
IIH
40
40
40
40
µA
TTL Input Current
Condition
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
IIL
–0.8
–0.8
–0.8
–0.8
mA
Condition
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIH
22
2
2
TTL Input Voltage (Active High)
Condition
ID=1A
ID=1A
ID=1A
ID=1A
V
VIL
0.8
0.8
0.8
0.8
Condition
VDSS=100V
VDSS=100V
VDSS=100V
VDSS=100V
VIH
22
2
2
TTL Input Voltage (Active Low)
Condition
VDSS=100V
VDSS=100V
VDSS=100V
VDSS=100V
V
VIL
0.8
0.8
0.8
0.8
Condition
ID=1A
ID=1A
ID=1A
ID=1A
Tr
0.5
0.5
0.5
0.5
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=0.8A
VS=24V, ID=1A
Switching Time
Tstg
0.7
0.7
0.7
0.7
µs
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=0.8A
VS=24V, ID=1A
Tf
0.1
0.1
0.1
0.1
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=0.8A
VS=24V, ID=1A
■Electrical Characteristics
(Ta=25°C)
2-Phase Excitation
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M


Similar Part No. - SMA7029M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA7029M SANKEN-SMA7029M Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Allegro MicroSystems
SMA7029M ALLEGRO-SMA7029M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Sanken electric
SMA7029M SANKEN-SMA7029M Datasheet
59Kb / 2P
   2-Phase Excitation
SMA7029M SANKEN-SMA7029M Datasheet
87Kb / 2P
   2-Phase Excitation
More results

Similar Description - SMA7029M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com