Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA0372 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TCA0372
Description  Dual Power Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCA0372 Datasheet(HTML) 3 Page - Motorola, Inc

  TCA0372 Datasheet HTML 1Page - Motorola, Inc TCA0372 Datasheet HTML 2Page - Motorola, Inc TCA0372 Datasheet HTML 3Page - Motorola, Inc TCA0372 Datasheet HTML 4Page - Motorola, Inc TCA0372 Datasheet HTML 5Page - Motorola, Inc TCA0372 Datasheet HTML 6Page - Motorola, Inc TCA0372 Datasheet HTML 7Page - Motorola, Inc TCA0372 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TCA0372
3
MOTOROLA ANALOG IC DEVICE DATA
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
Figure 1. Supply Current versus Suppy Voltage
with No Load
Figure 2. Output Saturation Voltage
versus Load Current
Figure 3. Voltage Gain and Phase
versus Frequency
Figure 4. Phase Margin versus Output
Load Capacitance
Figure 5. Small Signal Transient Response
Figure 6. Large Signal Transient Response
t, TIME (1.0
µs/DIV)
t, TIME (10
µs/DIV)
6.5
5.5
4.5
3.5
2.5
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
1.0
0.5
IL, LOAD CURRENT (A)
80
40
20
–20
1.0
10
100
1000
10000
130
120
110
100
90
80
f, FREQUENCY (kHz)
0.4
CL, OUTPUT LOAD CAPACITANCE (nF)
60
70
50
40
30
20
0
0.8
1.2
1.6
2.0
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
AV = –100
VCC = 24 V
VEE = 0 V
60
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
VCC
VCC–1.0
VCC–2.0
VCC+2.0
VEE
VCC+1.0


Similar Part No. - TCA0372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCA0372 ONSEMI-TCA0372 Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
TCA0372 ONSEMI-TCA0372 Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372 ONSEMI-TCA0372 Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
TCA0372B ONSEMI-TCA0372B Datasheet
142Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372B ONSEMI-TCA0372B Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
More results

Similar Description - TCA0372

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
   Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com