Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1582-S Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1582-S
Description  15 Amp Horizontal Rackmount Surge Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1582-S Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1582-S Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1582-S Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15 Amp Horizontal Rackmount Surge Strip
Front Mounted Receptacles
Features
Designed for power distribution from the front of the unit.
1U horizontal 19" rackmount installation.
Available with lighted on/off switch or red pilot light to indicate power
on.
Available in ASA 61 grey or black powder coat finish.
Click here for our non-surge protected version.
Specification
Heavy duty 14 gauge wire cord - 14/3 SJT type for extreme temperature
ranges and integral molded plug.
Plug types available are NEMA 5-15P straight blade or NEMA L5-15P
locking type.
Includes 15 Amp, 125 VAC circuit breaker to prevent accidental
overload.
Surge protected panels incorporate our surge module:
18,000 Amp rated MOV’s
Maximum 54,000 Amps transient current and 780 Joules.
400V UL 1449 suppressed voltage rating.
Protection in all 3 AC modes (L-N, N-G, and L-G).
Green indicator light confirms surge module is active
Internal protection will disconnect the surge module at the end of
it's useful life (and extinguish the green light) but will maintain
power to the load, now unprotected.
Voltage suppression at the outlet guards against transients from
equipment on the outlet strip.
CSA certified, Standards C22.2 (No. 21-95, No. 42-99 and No. 8-M1986)
UL recognized, Standards UL1363, UL1283 and UL1449
Black
A NSI 61 Gray Overall Dimensions
Number
Number
Outlet
Cord
Plug
NEMA
Rack
of Outlets of Outlets
Part No.
Part No.
Height Width Depth On Front
On Rear
NEMA Type Length (ft) Blade Type Plug Type Units
1582H6A 1SBK 1582H6A 1S
1.72
19.00
2.66
6
0
5-15R
6
Straight
5-15P
1U
1582H6B1SBK 1582H6B1S
1.72
19.00
2.66
6
0
5-15R
15
Straight
5-15P
1U
1582H6C1SBK 1582H6C1S
1.72
19.00
2.66
6
0
5-15R
6
Locking
L5-15P
1U
1582H6D1SBK 1582H6D1S
1.72
19.00
2.66
6
0
5-15R
15
Locking
L5-15P
1U
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1582-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1582-1 ETC2-1582-1 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
1582-2 ETC2-1582-2 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
1582-3 ETC2-1582-3 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
1582-4 ETC2-1582-4 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
logo
Hammond Manufacturing L...
1582-AM HAMMOND-1582-AM Datasheet
50Kb / 1P
   15 Amp Metered Rackmount Outlet Strip
More results

Similar Description - 1582-S

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1583-S HAMMOND-1583-S Datasheet
49Kb / 2P
   15 Amp Horizontal Rackmount Surge Strip
1585-6-7-8-S HAMMOND-1585-6-7-8-S Datasheet
57Kb / 2P
   15 Amp Vertical Rackmount Surge Strip
logo
Bud Industries, Inc.
POS-194-S BUD-POS-194-S Datasheet
51Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (15 AMP) (SURGE SUPPRESSED)
POS-195-S BUD-POS-195-S Datasheet
51Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (15 AMP) (SURGE SUPPRESSED)
logo
Hammond Manufacturing L...
1589H6C1BKRFAM HAMMOND-1589H6C1BKRFAM Datasheet
47Kb / 1P
   20 Amp Metered Horizontal Rackmount Outlet Strip
1582-AM HAMMOND-1582-AM Datasheet
50Kb / 1P
   15 Amp Metered Rackmount Outlet Strip
1584-S HAMMOND-1584-S Datasheet
71Kb / 2P
   15 Amp Heavy Duty Surge Strip
1582E HAMMOND-1582E Datasheet
45Kb / 1P
   230VAC / 10A IEC Horizontal Rackmount Outlet Strip
logo
Bud Industries, Inc.
POS-202 BUD-POS-202 Datasheet
47Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-204 BUD-POS-204 Datasheet
56Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com