Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1108E Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1108E
Description  QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1108E Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1108E_14 Datasheet HTML 1Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 2Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 3Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 4Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 5Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 6Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 7Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 8Page - Advanced Linear Devices ALD1108E_14 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ALD1108E/ALD1110E
Advanced Linear Devices
4 of 14
E-TRIM CHARACTERISTICS
TA = 25°C V+ = +5.0V unless otherwise specified
ALD1108E
ALD1110E
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
E-trim Vt Range
4
Vt
1.000
3.000
1.000
3.000
V
Resolution of Vt
E-trim Pulse Step 4
RVt
0.1
1
0.1
1
mV
Change in Vt Per
∆Vt / N
0.5
0.5
mV/ pulse
Vt = 1.0V
E-trim Pulse 4
0.05
0.05
Vt = 2.5V
E-trim Pulse Voltage 4
Vp
11.75
12.00
12.25
11.75
12.00
12.25
V
E-trim Pulse Current 4
Ip
2
2
mA
Pulse Frequency 4
ƒ pulse
50
50
KHZ
Transconductance
gm
1.4
1.4
mA/V
VD = 10V,VG =Vt + 4.0
Transconductance Match
∆gm
25
25
µA/V
VD = 10V,VG =Vt + 4.0
Low Level Output
Conductance
gOL
66
µA/V
VG = Vt +0.5V
High Level Output
Conductance
gOH
68
68
µA/V
VG = Vt +4.0V
Drain Off Leakage Current
ID(OFF)
5
400
5
400
pA
44
nA
TA = 125°C
Gate Leakage Current
IGSS
10
100
10
100
pA
11
nA
TA = 125°C
Input Capacitance
CISS
25
25
pF
Cross Talk
60
60
dB
f = 100KHz
Relaxation Time Constant 4
tRLX
2
2
Hours
Relaxation Voltage 4
VRLX
-0.3
-0.3
%
1.0V
≤ Vt ≤ 3.0V
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25°C V+ = +5.0V unless otherwise specified
ALD1108E
ALD1110E
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions


Similar Part No. - ALD1108E_14

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E_12 Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
More results

Similar Description - ALD1108E_14

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E Datasheet
77Kb / 10P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108E ALD-ALD1108E_12 Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
ADL Embedded Solutions
ALD1108E ADL-ALD1108E Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com