Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10439-07 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # C10439-07
Description  Photodiode modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10439-07 Datasheet(HTML) 8 Page - Hamamatsu Corporation

  C10439-07 Datasheet HTML 1Page - Hamamatsu Corporation C10439-07 Datasheet HTML 2Page - Hamamatsu Corporation C10439-07 Datasheet HTML 3Page - Hamamatsu Corporation C10439-07 Datasheet HTML 4Page - Hamamatsu Corporation C10439-07 Datasheet HTML 5Page - Hamamatsu Corporation C10439-07 Datasheet HTML 6Page - Hamamatsu Corporation C10439-07 Datasheet HTML 7Page - Hamamatsu Corporation C10439-07 Datasheet HTML 8Page - Hamamatsu Corporation C10439-07 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Photodiode modules
C10439 series
8
KACCA0333EA
KACCA0334EA
Optical fiber (SMA type) A9511
BNC cable E2573
Signal processing unit for photodiode module C10475
This SMA type optical fiber can be used with the photodiode module. The combination of this optical fiber with the SMA type optical
fiber adapter (A12781-03) makes it easy to connect an optical fiber to the photodiode module.
Note: The SMA type optical fiber adapter (A12781-03) is not included.
This cable can be used to extract signals from the photodiode module.
This unit converts the output from a photodiode module (C10439 series) into digital signals.
High resolution digital output (16 bits) can be retrieved through a serial connection (RS-232C)
from a PC. The supplied sample software can be used to easily load measurement data.
For the specifications, refer to the C10475 datasheet.
Specifications
Photosensitive diameter: φ2 (bundled fiber)
Photosensitive numerical aperture: 0.56
Specifications
Cable specifications: 1.5E-QEV
17 ± 0.5
20 ± 0.5
1000 ± 20
5.0 ± 0.4
2.0
SMA connector
(1/4-36UNS)
Nylon tube
Tip
(aluminum alloy)
+50
1000 -0
Specifications
Size: 110 × 100 × 30 mm


Similar Part No. - C10439-07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439-01 HAMAMATSU-C10439-01 Datasheet
128Kb / 4P
   Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
C10439-02 HAMAMATSU-C10439-02 Datasheet
128Kb / 4P
   Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
C10439-03 HAMAMATSU-C10439-03 Datasheet
128Kb / 4P
   Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
More results

Similar Description - C10439-07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439 HAMAMATSU-C10439_15 Datasheet
465Kb / 9P
   Photodiode modules
logo
List of Unclassifed Man...
R-11-055 ETC2-R-11-055 Datasheet
330Kb / 4P
   InGaAs PIN Photodiode Modules
logo
Source Photonics, Inc.
PDR-C3-ASSTAN SOURCE-PDR-C3-ASSTAN Datasheet
473Kb / 3P
   InGaAs PIN Photodiode Modules
R-11-300-P-SFC SOURCE-R-11-300-P-SFC Datasheet
464Kb / 4P
   InGaAs PIN Photodiode Modules
R-11-075-R-SFC SOURCE-R-11-075-R-SFC Datasheet
336Kb / 4P
   InGaAs PIN Photodiode Modules
R-11-055-P-SFC SOURCE-R-11-055-P-SFC Datasheet
565Kb / 3P
   55um InGaAs PIN Photodiode Modules-pigtailed
logo
Hamamatsu Corporation
C10475 HAMAMATSU-C10475 Datasheet
386Kb / 3P
   Signal processing unit for photodiode module Specifically designed for photodiode modules (C10439 series)
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com