Electronic Components Datasheet Search |
|
A10033-01 Datasheet(PDF) 9 Page - Hamamatsu Corporation |
|
A10033-01 Datasheet(HTML) 9 Page - Hamamatsu Corporation |
9 / 28 page A10033-71 TPMOB0214EA Transmittance [Longpass filter] (Typical) A10033-61, A10033-62, A10033-63 (Colored glass filter) TACCB0083EA 300 0 10 20 30 40 50 60 70 80 90 100 400 500 600 700 800 WAVELENGTH (nm) A10033-63 A10033-62 A10033-61 300 0 10 20 30 40 50 60 70 80 90 100 400 500 WAVELENGTH (nm) 600 700 800 GInterchangeable Filter Block A10033-90 How to install an optical filter 1. Loosen the thumbscrews. 2. Insert, in order, the optical filter, spacer ring and retaining ring. 3. Tighten the retaining ring with the tightening tool. 4. Install the O-ring in place. SPECIFICATIONS The A10033-90 is a filter holder block that allows you to insert an optical filter according to your application. The filter is held by the spacer ring and the retaining ring, and can be easily exchanged by using the accessory tool. NOTE: • Filters for this block must be purchased separately. • Do not install optical filters in the wrong direction be- cause they have the front side and back side for an light beam. Always insert the O-ring for blocking light after installing an optical filter. • When installing an optical filter, be careful to keep it clean and to avoid getting fingerprints on it. TACCA0272EA Dimensional Outlines (Unit: mm) Type No. A10033-90 Effective Beam Size 8 mm Conpatible Filter Size Weight Approx. 24 g Diameter: 12.7 mm (1/2 inch) to 15 mm (Max.) (recommended: 15 mm) Thickness: 1.5 mm to 5 mm 22.0 ±0.1 20.0 ±0.1 (8) 2 Connection Example: Fiber-Optic Single Wavelength Detection TPMOC0211EA FILTER BLOCK A10033-xx ADAPTER BLOCK A10030-01 FIBER ADAPTER BLOCK A10037-xx PMT MODULE The lens inside the A10037 fiber adapter block collimates the beam of the light signal emitted from the optical fiber. The A10033 filter block only allows a specific wavelength to pass. When dimming the beam, use ND filter block A10032. PMT MODULE FILTER BLOCK A10033-xx ND FILTER BLOCK A10032-xx FIBER ADAPTER BLOCK A10037-xx ADAPTER BLOCK A10030-01 * Transmittance characteristics are typical examples and may slightly vary depending on production lots. * Dimensional outlines are the same as the A10033-90. 9 |
Similar Part No. - A10033-01 |
|
Similar Description - A10033-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |