Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A11026 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # A11026
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A11026 Datasheet(HTML) 6 Page - Hamamatsu Corporation

Back Button A11026 Datasheet HTML 2Page - Hamamatsu Corporation A11026 Datasheet HTML 3Page - Hamamatsu Corporation A11026 Datasheet HTML 4Page - Hamamatsu Corporation A11026 Datasheet HTML 5Page - Hamamatsu Corporation A11026 Datasheet HTML 6Page - Hamamatsu Corporation A11026 Datasheet HTML 7Page - Hamamatsu Corporation A11026 Datasheet HTML 8Page - Hamamatsu Corporation A11026 Datasheet HTML 9Page - Hamamatsu Corporation A11026 Datasheet HTML 10Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PMT MODULE
ADAPTER BLOCK A10030-01
PHOTOSENSOR MODULE
H10799-xxx
FILTER BLOCK
A10033-xx
FIBER ADAPTER
BLOCK
A10037-xx
CUVETTE HOLDER
BLOCK
A11971
GCuvette Holder Block A11971
The A11971 cuvette holder block is a small dark box specifically
designed for cuvettes with an optical path length of 10 mm. It
allows easy measurement of samples in combination with other
optical blocks. The base can be removed as needed.
NOTE: This cuvette holder block is very compact. If it falls over, the sample
may leak from the cuvette, so we recommend securing the body of
the holder block and / or using a capped cuvette.
Dimensional Outlines (Unit: mm)
Connection Example: Absorbance and Side
Fluorescence Detection Using Optical Fiber
CUVETTE HOLDER BLOCK
SPECIFICATIONS
CUVETTE HOLDER BLOCK + CUVETTE
NOTE: Cuvette is sold separately.
BASE
(REMOVABLE)
M3
BOLTS WITH HEXAGONAL HOLES
FOR ATTACHING THE BASE
(10)
19.5
8.1
18.0
± 0.1
25.0
± 0.1
28.1
(25)
2
32
A'
A
15.0
± 0.1
50.0
± 0.1
60
2
× 4.5
(FOR HOLDING
THE BASE IN
PLACE)
21
38.2
± 1.0
30
22
CROSS SECTION A–A'
(WHEN BLOCK CAP IS REMOVED)
BLOCK CAP
DASHED LINE CUVETTE
BASE MOUNTING SURFACE
BLOCK CAP
GJoint Block A10038 Series
Dimensional Outlines (Unit: mm)
LA10038-01
LA10038-02
TACCA0284EA
A10038-01
TACCA0285EA
A10038-02
22.0
±0.1
(8)
(8)
5.0
±0.1
22.0
±0.1
19.0
±0.2
TPMOA0086EA
Type No.
A11971
Effective
Beam Size
8 mm
Applicable Cuvette Size
10 mm
Optical Path Length Dimensional Outline
12.5 mm
×
56 mm (H)
Weight
Approx. 206 g
(including the base)
6
BLOCK CHARACTERISTICS
The A10038 series is a joint block for connecting one optical block to
another. The joint is available in two types: MM (male-male) type and FF
(female-female) type. Interposing the MM block (A10038-01) and/or FF
block (A10038-02) between optical blocks allows various connections.
SPECIFICATIONS
Type No.
A10038-01
A10038-02
Effective Beam Size
Weight
Approx. 10 g
Approx. 25 g
8 mm
8 mm


Similar Part No. - A11026

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1102 ALLEGRO-A1102 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102 ALLEGRO-A1102 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1102 ALLEGRO-A1102 Datasheet
285Kb / 13P
   The Allegro A1101-A1104 and A1106 Hall-effect switches are next generation replacements for the popular Allegro 312x and 314x lines of unipolar switches.
A1102 ALLEGRO-A1102 Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1102ELHLT-T ALLEGRO-A1102ELHLT-T Datasheet
326Kb / 11P
   Continuous-Time Switch Family
More results

Similar Description - A11026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com