Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L12004-2190H-C Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L12004-2190H-C
Description  Quantum Cascade Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L12004-2190H-C Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L12004-2190H-C Datasheet HTML 1Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 2Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 3Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 4Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 5Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 6Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 7Page - Hamamatsu Corporation L12004-2190H-C Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QCL LINEUP
1894
1896
1898
1900
1902
1904
1906
5.280
5.274
5.269
5.263
5.258
5.252
5.247
0.6
0.6
0.7
0.8
0.9
1.0
FORWARD CURRENT If (A)
1.1
Top(qcl)=20
°C
Top(qcl)=30
°C
Top(qcl)=40
°C
0.7
0.6
2184
2186
2188
2190
2192
2194
2196
4.579
4.575
4.570
4.566
4.562
4.558
4.554
0.8
0.9
FORWARD CURRENT If (A)
1.0
1.1
1.2
Top(qcl)=20
°C
Top(qcl)=30
°C
Top(qcl)=40
°C
0.5
0.6
0.7
0.8
0.9
1.0
1625
1627
1629
1631
1633
1635
1637
6.154
6.146
6.139
6.131
6.124
6.116
6.109
FORWARD CURRENT If (A)
1.1
Top(qcl)=20
°C
Top(qcl)=30
°C
Top(qcl)=40
°C
0.3
0.2
1288
1290
1292
1294
1296
1298
1300
7.764
7.752
7.740
7.728
7.716
7.704
7.692
0.4
0.5
FORWARD CURRENT If (A)
0.6
0.7
0.8
Top(qcl)=10
°C
Top(qcl)=20
°C
Top(qcl)=30
°C
Parameter
Symbol
Temperature coefficient
of wavenumber
Current coefficient
of wavenumber
δKT
δKC
Condition
If fixed
Top(qcl) fixed
Typical value
-0.18 cm-1/
°C
-0.015 cm-1/mA
Parameter
Symbol
Temperature coefficient
of wavenumber
Current coefficient
of wavenumber
δKT
δKC
Condition
If fixed
Top(qcl) fixed
Typical value
-0.18 cm-1/
°C
-0.015 cm-1/mA
Parameter
Symbol
Temperature coefficient
of wavenumber
Current coefficient
of wavenumber
δKT
δKC
Condition
If fixed
Top(qcl) fixed
Typical value
-0.14 cm-1/
°C
-0.016 cm-1/mA
Parameter
Symbol
Temperature coefficient
of wavenumber
Current coefficient
of wavenumber
δKT
δKC
Condition
If fixed
Top(qcl) fixed
Typical value
-0.15 cm-1/
°C
-0.015 cm-1/mA
Parameter
Symbol
Temperature coefficient
of wavenumber
Current coefficient
of wavenumber
δKT
δKC
Condition
If fixed
Top(qcl) fixed
Typical value
-0.1 cm-1/
°C
-0.01 cm-1/mA
0.7
0.6
2203
2205
2207
2209
2211
2213
2215
4.539
4.535
4.531
4.527
4.523
4.519
4.515
0.8
0.9
FORWARD CURRENT If (A)
1.0
1.1
1.2
Top(qcl)=20
°C
Top(qcl)=30
°C
Top(qcl)=40
°C
Quantum Cascade Lasers, using structures of SPC (Single Phonon-Continu-
um) depopulation and DFB (Distributed Feedback), emit CW (Continuous
Wave) mid-IR laser under room temperature.
By controlling the chip's operating temperature through the Peltier element in-
stalled in the HHL package, it is possible to tune the emission wavelength
without mode hopping while keeping longitudinal single mode operation.
CLASS 3B LASER
Invisible Laser Radiation: Avoid Exposure to Beam
GThe Laser emits invisible laser radiation.
The instrument which used the LASER, opera-
ted under ordinary conditions, is classified as
Class 3B according to the laser product classi-
fication code IEC 60825-1.
See IEC 60825-1, -14 for more details and
safety operation concerning the above counter-
measures.
INVISIBLE LASER RADIATION
MAXIMUM OUTPUT PULSE DURATION WAVELENGTH
CLASS 3B LASER PRODUCT IEC 60825-1:2007
AVOID EXPOSURE TO BEAM
CLASS 3B LASER PRODUCT
Warning label
Explanatory label
LGQF0707061AU
IDFB-CW Type
Type No.
Min.
Max.
+10
°C
+10
°C
+10
°C
+10
°C
+10
°C
Condition: Top(qcl)=20
°C
Condition: Top(qcl)=20
°C
Condition: Top(qcl)=20
°C
Condition: Top(qcl)=20
°C
Condition: Top(qcl)=20
°C
+50
°C
+50
°C
+50
°C
+50
°C
+50
°C
Operating temperature (QCL) (*1)
Max.
0.2 cm-1 (*4)
Condition: K=2209 cm-1 (*5)
0.2 cm-1 (*4)
Condition: K=2190 cm-1 (*5)
0.2 cm-1 (*4)
Condition: K=1900 cm-1 (*5)
0.2 cm-1 (*4)
Condition: K=1631 cm-1 (*5)
0.2 cm-1 (*4)
Condition: K=1294 cm-1 (*5)
Line width (*2)
Min.
±1.0 cm-1
±1.0 cm-1
±1.0 cm-1
±1.0 cm-1
±1.0 cm-1
Typ.
4.53
µm
4.57
µm
5.26
µm
6.13
µm
7.73
µm
Tunable
range (*3)
Wavelength
Min.
20 mW
20 mW
20 mW
20 mW
20 mW
Output power
Max.
Min.
25 dB
25 dB
25 dB
25 dB
25 dB
1.0 A
1.0 A
1.0 A
1.0 A
1.0 A
Threshold
current
Side-mode
suppression ratio
(SMSR)
L12004-2209H-C
L12004-2190H-C
L12005-1900H-C
L12006-1631H-C
L12007-1294H-C
GL12004-2190H-C
GL12004-2209H-C
GL12005-1900H-C
GL12006-1631H-C
GL12007-1294H-C
(*1) This specifies the temperature range within which the target emission wavenumber (K) can be realized.
(*2) Full-width half maximum
(*3) This specifies the continuous tunable range (without mode hopping). The center wavenumber of the tuning range is the emission wavenumber (K).
(*4) The figures are limited by the resolution and signal/noise ratio of the measuring instruments used.
(*5) K: Emission wavenumber (cm-1)
HHL package
Characteristics examples
I Limited quantities of QCLs with emission wavelengths close to those specified above may be available occasionally.
Please contact a Hamamatsu sales office for information on available stock.


Similar Part No. - L12004-2190H-C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
   Omnidirectional Wireless LTE/MIMO Antenna
logo
Vishay Siliconix
L1206 VISHAY-L1206 Datasheet
161Kb / 5P
   SMD Wraparound Ultra Low Value Thin Film Resistors
01-Jan-2022
logo
Shanghai Leiditech Elec...
L1206A101K LEIDITECH-L1206A101K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1206A180K LEIDITECH-L1206A180K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1206A210K LEIDITECH-L1206A210K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
More results

Similar Description - L12004-2190H-C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
FP-QCL-9120-100 ROITHNER-FP-QCL-9120-100 Datasheet
169Kb / 2P
   FQ Quantum Cascade Lasers in the 9.1
DFB-QCL-9120-100 ROITHNER-DFB-QCL-9120-100 Datasheet
147Kb / 2P
   DFP Quantum Cascade Lasers in the 9.12
logo
List of Unclassifed Man...
140XBP01000 ETC2-140XBP01000 Datasheet
71Kb / 2P
   Modicon Quantum
logo
Silan Microelectronics ...
SC16722 SILAN-SC16722 Datasheet
188Kb / 7P
   CASCADE LED DRIVER OF HEAVY CURRENT
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Schneider Electric
140CRP31200 SCHNEIDER-140CRP31200 Datasheet
105Kb / 3P
   Quantum Ethernet RIO Head
Apr 18, 2022
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Summit Microelectronics...
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com