Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7260-20 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # H7260-20
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7260-20 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  H7260-20 Datasheet HTML 1Page - Hamamatsu Corporation H7260-20 Datasheet HTML 2Page - Hamamatsu Corporation H7260-20 Datasheet HTML 3Page - Hamamatsu Corporation H7260-20 Datasheet HTML 4Page - Hamamatsu Corporation H7260-20 Datasheet HTML 5Page - Hamamatsu Corporation H7260-20 Datasheet HTML 6Page - Hamamatsu Corporation H7260-20 Datasheet HTML 7Page - Hamamatsu Corporation H7260-20 Datasheet HTML 8Page - Hamamatsu Corporation H7260-20 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
H10515B Series
H10515B Series
Light is irradiated to only one channel at this measurement.
Figure 4: Typical Time Response
TPMHB0818EA
H9530 Series
TPMHB0320EB
2 (ns/div.)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
LOAD RESISTANCE
LIGHT AREA
= -1000 (V)
= 700 (ps)
= 950 (ps)
= 50 (
Ω)
= 2.0 mm
× 2.5 mm
2 (ns/div.)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
LOAD RESISTANCE
LIGHT AREA
= -800 (V)
= 593 (ps)
= 1691 (ps)
= 50 (
Ω)
= 0.8 mm
× 16 mm
Figure 5: Typical Transit Time Spread Characteristics
TPMHB0819EA
H9530 Series
TPMHB0321ED
Light is irradiated to only one channel at this measurement.
Light is irradiated to only one channel at this measurement.
0.5 (ns/div.)
0.1
1
10
100
1000
10000
SUPPLY VOLTAGE
FWHM
FWTM
LIGHT AREA
= -1000 (V)
= 250 (ps)
= 580 (ps)
= 2.0 mm
× 2.5 mm
0.5 (ns/div.)
0.1
1
10
100
1000
10000
SUPPLY VOLTAGE
FWHM
FWTM
LIGHT AREA
= -800 (V)
= 180 (ps)
= 335 (ps)
= 0.8 mm
× 16 mm
Light is irradiated to only one channel at this measurement.
* H7260 series is equivalent to H10515B series.
* H7260 series is equivalent to H10515B series.


Similar Part No. - H7260-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7260-20 HAMAMATSU-H7260-20 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
More results

Similar Description - H7260-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com