Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12572-015C Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S12572-015C
Description  multi-pixel photon counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S12572-015C Datasheet(HTML) 6 Page - Hamamatsu Corporation

  S12572-015C Datasheet HTML 1Page - Hamamatsu Corporation S12572-015C Datasheet HTML 2Page - Hamamatsu Corporation S12572-015C Datasheet HTML 3Page - Hamamatsu Corporation S12572-015C Datasheet HTML 4Page - Hamamatsu Corporation S12572-015C Datasheet HTML 5Page - Hamamatsu Corporation S12572-015C Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Cat. No.KAPD1045E03 Oct. 2013 DN
6
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
Type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(X)" which means preliminary specifications or
a suffix "(Z)" which means developmental specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of October, 2013.
MPPC (multi-pixel photon counter)
S12572-010, -015C/P
∙ This product supports lead-free soldering. After unpacking, store it in an environment at a temperature of 25°C or less and a humidity
of 60% or less, and perform soldering within 24 hours.
∙ The effect that the product receives during reflow soldering varies depending on the circuit board and reflow oven that are used. Be-
fore actual reflow soldering, check for any problems by testing out the reflow soldering methods in advance.
Measured example of temperature profile with our hot-air reflow oven for product testing
KPICB0171EA
Time
300 °C
220 °C
190 °C
170 °C
Preheat
70 to 90 s
Soldering
40 s max.
240 °C max.
Precautions
∙ If necessary, incorporate appropriate protective circuits in power supplies, devices, and measuring instruments to prevent overvoltage
and overcurrent.
Related information
http://www.hamamatsu.com/sp/ssd/doc_en.html
Precautions
∙ Notice
∙ Metal, ceramic, plastic package products / Precautions
∙ Surface mount type products / Precautions


Similar Part No. - S12572-015C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12571-010C HAMAMATSU-S12571-010C Datasheet
831Kb / 6P
   multi-pixel photon counter
S12571-010 HAMAMATSU-S12571-010_15 Datasheet
870Kb / 6P
   Low afterpulses, wide dynamic range, for high-speed measurement Photosensitive area: 1 x 1 mm
S12571-025C HAMAMATSU-S12571-025C Datasheet
680Kb / 7P
   multi-pixel photon counter)
S12571-050 HAMAMATSU-S12571-050 Datasheet
680Kb / 7P
   multi-pixel photon counter)
S12571-100C HAMAMATSU-S12571-100C Datasheet
680Kb / 7P
   multi-pixel photon counter)
More results

Similar Description - S12572-015C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12571-010C HAMAMATSU-S12571-010C Datasheet
831Kb / 6P
   multi-pixel photon counter
S12571-025C HAMAMATSU-S12571-025C Datasheet
680Kb / 7P
   multi-pixel photon counter)
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
Hamamatsu Corporation
B749 HAMAMATSU-B749 Datasheet
105Kb / 2P
   Photon drag detector
logo
GE Solid State
CNY51 GESS-CNY51 Datasheet
166Kb / 4P
   PHOTON COUPLED LSOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
   PHOTON COUPLED ISOLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com