Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120-2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 120-2
Description  THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

120-2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  120-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 120-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 120-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 120-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 120-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
DELTABOND™154
Ordering Guide - Resin and Hardener
Resin
Hardener
Part No.
Container
Part Number
DeltaBond™ 154
154-Q
1 quart (2.5 lbs)
A-4 (0.316 lb), B-4 (0.14 lb), (order 1 only)
DELTABOND™154
Characteristics
Hardener Type
Typical Properties Fully Cured
A4
B4
Thermal conductivity -
W/(m) (°K)
1.053
1.154
(Btu) (in.)/(hr) (ft2) (°F)
7.3
8.0
Thermal resistivity - (°C) (in.)watt
37
34
Bond shear strength
77°F
3,000
2,400
1 in. overlap - psi
125°F
2,300
2,100
etched aluminum to
etched aluminum
212°F
500
800
Heat distortion point - °F
130
225
Minimum dielectric strength,
v/mil, 0.125 in. sample
NA*
NA*
Max operation
Continuous
65
150
temp - °C
Intermittent
100
190
DELTACAST™153
Ordering Guide - Resin and Hardener
Resin
Hardener
Part No.
Container
Part Number
DeltaCast™ 153
153-Q
1 quart (4 lbs)
A-4 (0.316 lb), B-4 (0.14 lb), (order 1 only)
DELTACAST™153
Mixing Proportions and Working Properties
Characteristics
A4
B4
Parts of hardener per 100 parts
7.5
3.5
of resin by weight
*Working Time - at 77°F
45 min
30 min
† Initial cure time
77°F
8 hrs
6 hrs
150°F
45 min
30 min
250°F
20 min
15 minn
‡Post-cure time at a temp in °F
4 hrs @200°F
4 hrs @ 200°F
‡Alternate room temp. aging
4 days
4 days
time at 77°F
Working consistency (77°F)
heavy liquid
viscous liquid
Working viscosity (77°F) cps
10,000
30,000
DELTACAST™153
Characteristics
Hardener Type
Typical Properties Fully Cured
A4
B4
Thermal conductivity -
W/(m) (°K)
0.836
0.908
(Btu) (in.)/(hr) (ft2) (°F)
5.8
6.3
Thermal resistivity - (°C) (in.)watt
47
42
Bond shear strength
77°F
2,500
1,900
1 in. overlap - psi
125°F
etched aluminum to
etched aluminum
212°F
Heat distortion point - °F
130
225
Minimum dielectric strength,
v/mil, 0.125 in. sample
400
400
Max operation
Continuous
65
150
temp - °C
Intermittent
100
190
DeltaCast™ 153 is a pourable casting resin having thermal expansion characteristics similar to aluminum and
copper allowing assemblies to operate over a very wide temperature range. Ideal for encapsulating components
and assemblies, this series' major advantages and uses include potted systems (virtually indestructible), protecting
components and systems from moisture and contaminants, securing proprietary circuitry, mechanical support of
devices, removal of heat from hot components and the assembly equalizing temperatures, and high voltage isola-
tion. DeltaCast™ 153 is available in quarts and gallons. Order one bottle of hardener A4 or B4 per one quart of
DeltaCast™ 153 separately. Shelf life: 2 years.
DeltaBond™ 154 is a medium viscosity, aluminum-filled resin with the best thermal conductivity of this series. It
is, however, neither a good electrical insulator nor conductor. Its principal application is that of a good thermal
mechanical adhesive for applications such as bonding fins to base plates or structural mounting blocks or brackets
to heat sinks. Order one bottle of hardener A4 or B4 per one quart of DeltaBond™ 154 separately. Shelf life: 2
years.
All hardener
part
numbers
A-4, B-4
Model
Number
All hardener
part
numbers
A-4, B-4
Model
Number
DELTABOND™154
Mixing Proportions and Working Properties
Characteristics
A4
B4
Parts of hardener per 100 parts
of resin by weight
11.0
4.5
*Working Time - at 77°F
45 min
30 min
† Initial cure time
77°F
8 hrs
6 hrs
150°F
45 min
30 min
250°F
20 min
15 min
‡Post-cure time at a temp in °F
4 hrs @200°F
4 hrs @ 200°F
‡Alternate room temp. aging
4 days
4 days
time at 77°F
Working consistency (77°F)
viscous liquid
paste
Working viscosity (77°F) cps
25,000
DeltaBond™ 154
DeltaBond™ 153
Accessory
Products
66
WTS001_p50-68
6/14/07
10:46 AM
Page 66
3
3


Similar Part No. - 120-2

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
120-2 HELLERMANNTYTON-120-2 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Honeywell Solid State E...
120-202EAD-Q02 HONEYWELL-120-202EAD-Q02 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
120-202EAJ-Q01 HONEYWELL-120-202EAJ-Q01 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
CAMBION Electronic Comp...
120-2081 CAMBION-120-2081 Datasheet
127Kb / 1P
   Solder terminal
logo
List of Unclassifed Man...
120-277-275 ETC2-120-277-275 Datasheet
229Kb / 1P
   Step Up Autotransformers for Lighting Applications
More results

Similar Description - 120-2

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-V TGLOBAL-TG-V Datasheet
357Kb / 1P
   Thermal Phase Change Materials
20230721
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
   Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
501FL 3M-501FL Datasheet
132Kb / 3P
   Ultra-clean Laminating Adhesives 501FL and 502FL
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
925-118C-51S AMPHENOL-925-118C-51S Datasheet
145Kb / 1P
   MATERIALS AND FINISHES
925-120C-51R AMPHENOL-925-120C-51R Datasheet
114Kb / 1P
   MATERIALS AND FINISHES
925-123C-51A AMPHENOL-925-123C-51A Datasheet
127Kb / 1P
   MATERIALS AND FINISHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com