Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6203FS Datasheet(PDF) 3 Page - Rohm

Part # BM6203FS
Description  3-Phase Brushless Fan Motor Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6203FS Datasheet(HTML) 3 Page - Rohm

  BM6203FS Datasheet HTML 1Page - Rohm BM6203FS Datasheet HTML 2Page - Rohm BM6203FS Datasheet HTML 3Page - Rohm BM6203FS Datasheet HTML 4Page - Rohm BM6203FS Datasheet HTML 5Page - Rohm BM6203FS Datasheet HTML 6Page - Rohm BM6203FS Datasheet HTML 7Page - Rohm BM6203FS Datasheet HTML 8Page - Rohm BM6203FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/21
Datasheet
Datasheet
BM6203FS
TSZ02201-0828AB400110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Jul.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Functional Descriptions
1. Control Input Pins (UH, UL, VH, VL, WH, WL)
The input threshold voltages of the control pins are 2.5V and 0.8V, with a hysteresis
voltage of approximately 0.4V. The IC will accept input voltages up to the VCC voltage.
When the same phase control pins are input high at the same time, the high side and
low side gate driver outputs become low. Dead time is installed in the control signals.
The control input pins are connected internally to pull-down resistors (100k
Ω nominal).
However, the switching noise on the output stage may affect the input on these pins and
cause undesired operation. In such cases, attaching an external pull-down resistor
(10k
Ω recommended) between each control pin and ground, or connecting each pin to
an input voltage of 0.8V or less (preferably GND), is recommended.
2. Under Voltage Lock Out (UVLO) Circuit
To secure the lowest power supply voltage necessary to operate the driver, and to prevent under voltage malfunctions,
the UVLO circuits are independently built into the upper side floating driver and the lower side driver. When the supply
voltage falls to VUVL or below, the controller forces driver outputs low. When the voltage rises to VUVH or above, the UVLO
circuit ends the lockout operation and returns the chip to normal operation. Even if the controller returns to normal
operation, the output begins from the following control input signal.
Figure 4. Low Voltage Monitor - UVLO - Timing Chart
Truth Table
HIN
LIN
HO
LO
L
L
L
L
H
L
H
L
L
H
L
H
H
H
Inhibition
Note) HIN: UH,VH,WH, LIN: UL,VL,WL
VCC
HIN
LIN
HO
LO
VB
HIN
LIN
HO
LO
VCCUVH
VCCUVL
VBUVH
VBUVL


Similar Part No. - BM6203FS

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
BM6203G BOOKLY-BM6203G Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM6203FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6204FS ROHM-BM6204FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com