Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6203FS-E2 Datasheet(PDF) 11 Page - Rohm

Part # BM6203FS-E2
Description  3-Phase Brushless Fan Motor Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6203FS-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BM6203FS-E2 Datasheet HTML 7Page - Rohm BM6203FS-E2 Datasheet HTML 8Page - Rohm BM6203FS-E2 Datasheet HTML 9Page - Rohm BM6203FS-E2 Datasheet HTML 10Page - Rohm BM6203FS-E2 Datasheet HTML 11Page - Rohm BM6203FS-E2 Datasheet HTML 12Page - Rohm BM6203FS-E2 Datasheet HTML 13Page - Rohm BM6203FS-E2 Datasheet HTML 14Page - Rohm BM6203FS-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/21
Datasheet
Datasheet
BM6203FS
TSZ02201-0828AB400110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Jul.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Typical Performance Curves (Reference data) - Continued
Figure 23. Release Time
Figure 24. Fault Output ON Resistance
(No External Capacitor)
Figure 21. Thermal Shut Down
Figure 22. Noise Masking Time
0
5
10
15
20
100 110 120 130 140 150 160 170 180
Junction Temperature : Tj [°C]
0
2
4
6
8
-25
0
25
50
75
100
125
Junction Temperature : Tj [°C]
TSD
UVLO
OCP
0
10
20
30
40
50
-25
0
25
50
75
100
125
Junction Temperature : Tj [°C]
TSD
UVLO
OCP
0.0
0.2
0.4
0.6
0.8
1.0
024
68
10
Output Current : IFOB [mA]
125°C
25°C
-25°C


Similar Part No. - BM6203FS-E2

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
BM6203G BOOKLY-BM6203G Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM6203FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6204FS ROHM-BM6204FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com