Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H128F-2LBH2 Datasheet(PDF) 8 Page - Rohm

Part # BR25H128F-2LBH2
Description  Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H128F-2LBH2 Datasheet(HTML) 8 Page - Rohm

Back Button BR25H128F-2LBH2 Datasheet HTML 4Page - Rohm BR25H128F-2LBH2 Datasheet HTML 5Page - Rohm BR25H128F-2LBH2 Datasheet HTML 6Page - Rohm BR25H128F-2LBH2 Datasheet HTML 7Page - Rohm BR25H128F-2LBH2 Datasheet HTML 8Page - Rohm BR25H128F-2LBH2 Datasheet HTML 9Page - Rohm BR25H128F-2LBH2 Datasheet HTML 10Page - Rohm BR25H128F-2LBH2 Datasheet HTML 11Page - Rohm BR25H128F-2LBH2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
BR25H128F-2LB
8/28
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100370-1-2
27.Feb.2014 Rev.002
Typical Performance Curves‐Continued
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
2
34
56
SUPPLY VOLTAGE : VCC [V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
1
2
3
4
012
34
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC
Figure 11. Input Leakage Current ILI
(CSB,SCK,SI,HOLDB,WPB)
Figure 12. Output Leakage Current ILO(SO)(Vcc=5.5V)
Figure 13. Supply Current (WRITE) ICC1,2
0
0.5
1
1.5
2
2.5
01
2
3
45
6
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC
Figure 14. Supply Current (READ) ICC3,4
0
1
2
3
4
5
6
01
2
34
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC


Similar Part No. - BR25H128F-2LBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H128F-2LB ROHM-BR25H128F-2LB Datasheet
989Kb / 32P
   Operation SPI BUS EEPROM
BR25H128F-2LB ROHM-BR25H128F-2LB_14 Datasheet
989Kb / 32P
   Operation SPI BUS EEPROM
More results

Similar Description - BR25H128F-2LBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB Datasheet
989Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB Datasheet
959Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040F-2LB ROHM-BR25H040F-2LB Datasheet
988Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com