Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1232LP Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1232LP
Description  Low Power MicroMonitor Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1232LP Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1232LP Datasheet HTML 1Page - Dallas Semiconductor DS1232LP Datasheet HTML 2Page - Dallas Semiconductor DS1232LP Datasheet HTML 3Page - Dallas Semiconductor DS1232LP Datasheet HTML 4Page - Dallas Semiconductor DS1232LP Datasheet HTML 5Page - Dallas Semiconductor DS1232LP Datasheet HTML 6Page - Dallas Semiconductor DS1232LP Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS1232LP/LPS
6 of 7
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC + 0.5V
Operating Temperature
0°C to 70°C
Operating Temperature (Industrial Version)
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
ST
and PBRST Input High Level
VIH
2.0
VCC+0.3
V
1
ST
and PBRST Input Low Level
VIL
-0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC=4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IIL
-1.0
+1.0
µA
3
Output Current @ 2.4V
IOH
-8
-10
mA
5
Output Current @ 0.4V
IOL
10
mA
Low Level @ RST
VOL
0.4
V
1
Output Voltage @ -500 uA
VOH
VCC
-0.5V
VCC
-0.1V
V
1, 7
Output Current (CMOS)
ICC1
50
µA
2
Operating Current (TTL)
ICC2
200
500
µA
8
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.74
V
1
VCC Trip Point (TOL=VCC)VCCTP
4.25
4.37
4.49
V
1
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF


Similar Part No. - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
   Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
   Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
   Low Power MicroMonitor Chip
111899
logo
Dallas Semiconductor
DS1232LPS DALLAS-DS1232LPS Datasheet
61Kb / 7P
   Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LPS MAXIM-DS1232LPS Datasheet
104Kb / 7P
   Low Power MicroMonitor Chip
111899
More results

Similar Description - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
   Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
   Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
   Low Power MicroMonitor Chip
111899
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
   MICROMONITOR CHIP
logo
Maxim Integrated Produc...
DS1232 MAXIM-DS1232 Datasheet
138Kb / 7P
   MicroMonitor Chip
111899
logo
Dallas Semiconductor
DS1232 DALLAS-DS1232 Datasheet
96Kb / 7P
   MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
DS1831A MAXIM-DS1831A Datasheet
200Kb / 14P
   Multisupply Micromonitor
060303
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com