Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT225URKPS Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DT225URKPS
Description  An economical means of transferring power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DT225URKPS Datasheet(HTML) 2 Page - Dallas Semiconductor

  DT225URKPS Datasheet HTML 1Page - Dallas Semiconductor DT225URKPS Datasheet HTML 2Page - Dallas Semiconductor DT225URKPS Datasheet HTML 3Page - Dallas Semiconductor DT225URKPS Datasheet HTML 4Page - Dallas Semiconductor DT225URKPS Datasheet HTML 5Page - Dallas Semiconductor DT225URKPS Datasheet HTML 6Page - Dallas Semiconductor DT225URKPS Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Double-throw
safety switches
Eaton’s double-throw safety switches are used to transfer service from a normal power
source to an alternate source, or to switch from one load circuit to another. The manually
operated double-throw safety switch provides an economical means of transferring power.
Eaton offers a full line of general-duty and heavy-duty double-throw safety switches.
General-duty
Eaton’s general-duty double-
throw safety switches are
commonly applied in emergency
power or generator applications
to reduce or eliminate the costly
impact of power loss from the
typical source in residential,
agricultural and light commer-
cial markets. All general-duty
double-throw safety switches
are non-fusible and are available
up to 400A.
A standby generator connected
to a residential wiring system
must be installed according to
the National Electrical Code.�
A double-throw switch must be
installed to isolate and discon-
nect wiring from normal utility
lines so that generator-produced
electricity is not back-fed
onto normal utility lines.
Whether normal electrical
service is disrupted by severe
weather conditions, accidents or
other issues, an Eaton general-
duty double-throw safety switch
is a critical component in your
standby generator applications.
Heavy-duty
Eaton’s heavy-duty double-
throw safety switches are
designed for commercial and
industrial applications. Fusible
switches are available through
600A, while non-fusible switches
are manufactured up to 800A.
The wiring configuration from
the factory allows a single load
to be supplied by a normal
or alternate source; however,
where necessary, the wiring can
be field modified to allow two
loads to be alternately supplied
by a single power source.
Heavy-duty double-throw
safety switches are designed
to accommodate a wide range
of accessories that can be factory
or field installed. Customized
solutions, including key inter-
locks, viewing windows and
receptacles, are also available
through Eaton’s Switching
Device Flex Center.
Double-throw general-duty
non-fusible safety switches
DT224URK-NPS
Quick-Make, Quick-Break Design,
200A, 240V.
Double-throw, 240 Vac
general-duty, non-fusible
compact design
Specifications
30–100A
Suitable for service entrance
use with neutral kit installed
Suitable for use as a manu-
ally operated switch per 2005
NEC� Article 702
UL� listed File No. E5239
Features
Palm-fitting, visible
red handle
Tri-lingual nameplate
NEMA� 3R enclosure with
side opening door
Visible, embossed
ON-OFF indication
Concentric knockouts on
bottom endwall and sides
Lockable door hasp
Lockable handle
Three-point mounting
Factory-installed neutral
(optional catalog numbers are
available without a neutral)
Terminals suitable for 60º
or 75ºC Al or Cu wire
Rounded shroud
Mechanical door interlock to
prevent easy access when the
switch is in the ON position
Suitable for use on a circuit
capable of delivering
not more than 10,000 rms
symmetrical amperes
Compact size
Double-throw, 240 Vac
general-duty, non-fusible,
quick-make, quick-break
design
Specifications
30–400A
Horsepower rated
Suitable for service entrance
use with neutral kit installed
Suitable for use as a manually
operated switch per 2005
NEC Article 702
UL listed File No. E5239
Quick-make, quick-break
operating mechanism
Features
Palm-fitting, visible
red handle
Tri-lingual nameplate
NEMA 3R enclosure with
side opening door
Visible, embossed red
ON-OFF indication
Tangential knockouts
(30–100A) on bottom end-
wall; concentric knockouts on
higher ratings, and sides and
rear of 30–100A
Lockable door hasp
Lockable handle
Factory-installed neutral
(optional catalog numbers are
available without a neutral)
Three-point mounting
(30–100A)
Four-point mounting
(200–400A)
Terminals suitable for 60º
or 75ºC Al or Cu wire on
30–100A; 75ºC Al or Cu wire
on higher ratings
Rounded shroud
Door cannot be opened with
the switch ON. Switch cannot
be turned ON with door open
(without operating interlock
defeater)
Suitable for use on a circuit
capable of delivering not
more than 100,000 rms
symmetrical amperes when
protected by Class R or J fuses
(30–200A); R, T or J fuses
(400A). Short-circuit rating
is 10,000 rms symmetrical
amperes when protected
by any other overcurrent
protective device
Double-break visible rotary
blades; quick-make, quick-
break operation
Double-Throw Compact Design
Ampere
Rating
Main and
Standby
NEMA 3R
Enclosure
Rainproof
Catalog Number
Non-Fusible Two-Pole—240 Vac
30
60
100
DT221URH
DT222URH
DT223URH
Non-Fusible Two-Pole, Three-Wire—240 Vac—Solid Neutral
30
60
100
DT221URH-N
DT222URH-N
DT223URH-N
Double-Throw Quick-Make, Quick-Break Design
Ampere
Rating
Main and
Standby
Maximum
Horsepower Ratings NEMA 3R
Enclosure
Rainproof
Single-Phase
240 Vac
250 Vdc
Catalog Number
Non-Fusible Two-Pole—240 Vac—250 Vdc
30
60
100
200
400
3
10
20
15
5
10
20
40
50
DT221URKPS
DT222URKPS
DT223URKPS
DT224URKPS
DT225URKPS
Non-Fusible Two-Pole, Three-Wire—240 Vac—250 Vdc—Solid Neutral
30
60
100
200
400
3
10
20
15
5
10
20
40
50
DT221URK-NPS
DT222URK-NPS
DT223URK-NPS
DT224URK-NPS
DT225URK-NPS
ON
OFF
ON
ON
OFF
ON
S/N
Non-Fusible
Two-Pole
Two Sources or
Two Loads
ON
OFF
ON
ON
OFF
ON
S/N
Non-Fusible
Two-Pole with
Neutral
Two Sources or
Two Loads
DT223URH-N
Compact Design, 100A, 240V
ON
OFF
ON
ON
OFF
ON
S/N
Non-Fusible
Two-Pole
Two Sources or
Two Loads
ON
OFF
ON
ON
OFF
ON
S/N
Non-Fusible
Two-Pole with
Neutral
Two Sources or
Two Loads
2
EATON CORPORATION Double-throw safety switch
3
EATON CORPORATION Double-throw safety switch


Similar Part No. - DT225URKPS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DT223 SCHNEIDER-DT223 Datasheet
97Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 2 poles, 30 hp, NEMA 1
DT223RB SCHNEIDER-DT223RB Datasheet
101Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 2 poles, 30 hp, NEMA 3R, bolt on provision
logo
ITT Industries
DT22J11B202DQA ITT-DT22J11B202DQA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
DT22J11B202DQA7 ITT-DT22J11B202DQA7 Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
DT22J11B202DQF ITT-DT22J11B202DQF Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
More results

Similar Description - DT225URKPS

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP460-70PFL FSP-FSP460-70PFL_15 Datasheet
147Kb / 1P
   An industrial level of switching power
FSP460-701UG FSP-FSP460-701UG_15 Datasheet
157Kb / 1P
   An industrial level of switching power
FSP460-701UH FSP-FSP460-701UH_15 Datasheet
158Kb / 1P
   An industrial level of switching power
logo
M/A-COM Technology Solu...
AN3010 MA-COM-AN3010 Datasheet
1Mb / 3P
   An Examination of Recovery Time of an Integrated Limiter/LNA
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
   High power capability Economical
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com