Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339C-2 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1339C-2
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339C-2 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1339C-2 Datasheet HTML 1Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 2Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 3Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 4Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 5Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 6Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 7Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 8Page - Maxim Integrated Products DS1339C-2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
2 of 20
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………………-0.3V to +6.0V
Operating Temperature Range (Noncondensing)………………………………………………………….-40°C to +85°C
Storage Temperature Range………………………………………………………………………………..-55°C to +125°C
Lead Temperature (soldering, 10s)...…………………………………………………………………………………+260
°C
Soldering Temperature (reflow).……………………………………………………………………………………….+260
°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
µSOP
Junction-to-Ambient Thermal Resistance (
θ
JA).…………………...……………………………………….206.3°C/W
Junction-to-Case Thermal Resistance (
θ
JC)……………………………………………………………………42°C/W
SO
Junction-to-Ambient Thermal Resistance (
θ
JA).……………………………………………………………….73°C/W
Junction-to-Case Thermal Resistance (
θ
JC)……………………………………………………………………23°C/W
Note 1:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
DS1339-2
1.8
2.0
5.5
V
DS1339-3
2.7
3.0
5.5
DS1339-33
2.97
3.3
5.5
Backup Supply Voltage
VBACKUP
1.3
3.0
3.7
V
Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Logic 0
VIL
-0.3
+0.3 x
VCC
V
Power-Fail Voltage
VPF
DS1339-2
1.58
1.70
1.80
V
DS1339-3
2.45
2.59
2.70
DS1339-33
2.70
2.85
2.97


Similar Part No. - DS1339C-2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339C-2 DALLAS-DS1339C-2 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-2 MAXIM-DS1339C-2 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339C-2 MAXIM-DS1339C-2 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Dallas Semiconductor
DS1339C-2++ DALLAS-DS1339C-2+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-2- MAXIM-DS1339C-2- Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339C-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com