Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339C-3 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1339C-3
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339C-3 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1339C-3 Datasheet HTML 1Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 2Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 3Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 4Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 5Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 6Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 7Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 8Page - Maxim Integrated Products DS1339C-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
GENERAL DESCRIPTION
The DS1339 serial real-time clock (RTC) is a low-
power clock/date device with two programmable time-
of-day alarms and a programmable square-wave
output. Address and data are transferred serially
through an I
2C bus. The clock/date provides seconds,
minutes,
hours,
day,
date,
month,
and
year
information. The date at the end of the month is
automatically adjusted for months with fewer than 31
days, including corrections for leap year. The clock
operates in either the 24-hour or 12-hour format with
AM/PM indicator. The DS1339 has a built-in power-
sense
circuit
that
detects
power
failures
and
automatically
switches
to
the
backup
supply,
maintaining time, date, and alarm operation.
APPLICATIONS
Handhelds (GPS, POS Terminals)
Consumer Electronics (Set-Top Box, Digital
Recording, Network Appliance)
Office Equipment (Fax/Printers, Copier)
Medical (Glucometer, Medicine Dispenser)
Telecommunications (Routers, Switches, Servers)
Other (Utility Meter, Vending Machine, Thermostat,
Modem
)
FEATURES
Real-Time Clock (RTC) Counts Seconds, Minutes,
Hours, Day, Date, Month, and Year with Leap-
Year Compensation Valid Up to 2100
Available in a Surface-Mount Package with an
Integrated Crystal (DS1339C)
I
2C Serial Interface
Two Time-of-Day Alarms
Programmable Square-Wave Output
Oscillator Stop Flag
Automatic Power-Fail Detect and Switch Circuitry
Trickle-Charge Capability
Underwriters Laboratories (UL) Recognized
Pin Configurations appear at end of data sheet.
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V)
PIN-PACKAGE
TOP MARK†
DS1339C-2#
-40°C to +85°C
2.0
16 SO (300 mils)
DS1339C-2
DS1339C-3#
-40°C to +85°C
3.0
16 SO (300 mils)
DS1339C-3
DS1339C-33#
-40°C to +85°C
3.3
16 SO (300 mils)
DS1339C-33
DS1339U-2+
-40°C to +85°C
2.0
8
µSOP
1339 rr-2
DS1339U-3+
-40°C to +85°C
3.0
8
µSOP
1339 rr-3
DS1339U-33+
-40°C to +85°C
3.3
8
µSOP
1339 rr-33
+Denotes a lead(Pb)-free/RoHS-compliant package.
#Denotes a RoHS-compliant device that may include lead that is exempt under the RoHS requirements. The lead finish is JESD97 category
e3, and is compatible with both lead-based and lead-free soldering processes.
†A “+” anywhere on the top mark indicates a lead(Pb)-free device. A “#” denotes a RoHS-compliant device. rr = second line, revision code
DS1339
I
2C Serial Real-Time Clock
19-5770; Rev 4/11


Similar Part No. - DS1339C-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339C-3 DALLAS-DS1339C-3 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-3 MAXIM-DS1339C-3 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339C-3 MAXIM-DS1339C-3 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Dallas Semiconductor
DS1339C-3++ DALLAS-DS1339C-3+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-3- MAXIM-DS1339C-3- Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339C-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com