Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC5002S0L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DSC5002S0L
Description  Silicon NPN epitaxial planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSC5002S0L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DSC5002S0L Datasheet HTML 1Page - Panasonic Semiconductor DSC5002S0L Datasheet HTML 2Page - Panasonic Semiconductor DSC5002S0L Datasheet HTML 3Page - Panasonic Semiconductor DSC5002S0L Datasheet HTML 4Page - Panasonic Semiconductor DSC5002S0L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver. EED
DSC5002
2
PC  Ta
IC  VCE
hFE IC
VCE(sat) IC
IC  VBE
Cob  VCB
0
0
200
160
40
120
80
50
200
150
100
250
Ambient temperature Ta (°C)
DSC5002_PC-Ta
0
0
12
2
10
4
8
6
60
50
40
30
20
10
Collector-emitter voltage VCE (V)
DSC5002_IC-VCE
Ta = 25°C
IB = 3.0 mA
0.3 mA
0.6 mA
0.9 mA
1.2 mA
1.5 mA
1.8 mA
2.1 mA
2.4 mA
2.7 mA
0
1
350
300
250
200
150
100
50
10
102
103
Collector current IC (mA)
DSC5002_hFE-IC
25°C
40°C
Ta = 85°C
VCE = 10 V
10−2
1
10−1
1
10
10
102
103
Collector current IC (mA)
DSC5002_VCEsat-IC
25°C
40°C
Ta = 85°C
IC / IB = 10
0
0
1.2
0.2
1.0
0.4
0.8
0.6
50
40
30
20
10
Base-emitter voltage VBE (V)
DSC5002_IC-VBE
40°C
25°
C
Ta = 85°C
VCE = 10 V
0
1
20
16
12
8
4
10
100
Collector-base voltage VCB (V)
DSC5002_Cob-VCB
IE = 0
f = 1 MHz
Ta = 25°C
fT IC
0
0.1
250
200
150
100
50
1
10
100
Collector current IC (mA)
DSC5002_fT-IC
VCE = 10 V
Ta = 25°C


Similar Part No. - DSC5002S0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DSC500100L PANASONICBATTERY-DSC500100L Datasheet
502Kb / 4P
   DSC5001 Silicon NPN epitaxial planar type For general amplification Complementary to DSA5001
More results

Similar Description - DSC5002S0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com