Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSN6NC51H220 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DSN6NC51H220
Description  Leaded EMIFILr (Three-terminal Capacitor type) Small Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSN6NC51H220 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DSN6NC51H220 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSN6NC51H220 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSN6NC51H220 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSN6NC51H220 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DSN6NC51H220 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > Leaded EMIFIL
r (Three-terminal Capacitor type) > Small Type
2013.5.9
oThis data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
Continued from the preceding page.
c Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Voltage
Rated Current
Operating
Temperature Range
DSS6NC52A220
p
22pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A330
p
33pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A470
p
47pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A101
p
100pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A151
p
150pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A221
p
220pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A271
p
270pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A471
p
470pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A102
p
1000pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NE52A222
p
2200pF 80/-20%
100Vdc
6A
-25 to +85°C
DSS6NZ82A103
p
10000pF ±30%
100Vdc
6A
-25 to +85°C
c Dimensions
(in mm)
8.0 max.
GND
I
T51 Type: 25.0 min.
T41 Type: 4.0±0.5
2.54 max.
5.0±0.5
2.5±0.5
ø0.6
*1 There may be a hole on the top of ferrite beads,
which causes no characteristics deterioration.
*2 The bottom of the ferrite beads may not be level with each other.
*2
*1
c Insertion Loss Characteristics (Main Items)
1
2
3
4
5
0
20
40
60
80
100
120
1
10
100
1000
0.1
9
10
11
6
7
8
Frequency (MHz)
1: 22pF
2: 33pF
3: 47pF
4: 100pF
5: 150pF
6: 220pF
7: 270pF
8: 470pF
9: 1000pF
10: 2200pF
11: 10000pF
c Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Voltage
Rated Current
Operating
Temperature Range
DSS6NC52A220
p
22pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A330
p
33pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A470
p
47pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A101
p
100pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A151
p
150pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A221
p
220pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A271
p
270pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A471
p
470pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NC52A102
p
1000pF ±20%
100Vdc
6A
-25 to +85°C
DSS6NE52A222
p
2200pF 80/-20%
100Vdc
6A
-25 to +85°C
DSS6NZ82A103
p
10000pF ±30%
100Vdc
6A
-25 to +85°C
Continued on the following page.
DSS6 Series Incrimp Type


Similar Part No. - DSN6NC51H220

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSN6NC51H220 MURATA-DSN6NC51H220 Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN6NC51H220 MURATA-DSN6NC51H220 Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN6NC51H220B MURATA-DSN6NC51H220B Datasheet
78Kb / 3P
   Lead EMIFILr Capacitor Type for General Small Type
DSN6NC51H220p MURATA-DSN6NC51H220p Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
logo
Murata Manufacturing Co...
DSN6NC51H220Q54 MURATA1-DSN6NC51H220Q54 Datasheet
274Kb / 3P
   DS_6 is a compact, high performance lead type EMI suppression filter which can be mounted 2.54mm pitch.
08/08/2022
More results

Similar Description - DSN6NC51H220

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
DSN9NC51H223Q54B MURATA-DSN9NC51H223Q54B Datasheet
129Kb / 4P
   Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSS6NF31C223Q55B MURATA-DSS6NF31C223Q55B Datasheet
78Kb / 3P
   Lead EMIFILr Capacitor Type for General Small Type
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFM18PC105R0J3D MURATA-NFM18PC105R0J3D Datasheet
104Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC225B0J3D MURATA-NFM18PC225B0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com