Selected language     English  ▼


90-0092 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. 90-0092
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
DS1339 I
2C Serial Real-Time Clock
2 of 20
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………………-0.3V to +6.0V
Operating Temperature Range (Noncondensing)………………………………………………………….-40°C to +85°C
Storage Temperature Range………………………………………………………………………………..-55°C to +125°C
Lead Temperature (soldering, 10s)...…………………………………………………………………………………+260
°C
Soldering Temperature (reflow).……………………………………………………………………………………….+260
°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
µSOP
Junction-to-Ambient Thermal Resistance (
θ
JA).…………………...……………………………………….206.3°C/W
Junction-to-Case Thermal Resistance (
θ
JC)……………………………………………………………………42°C/W
SO
Junction-to-Ambient Thermal Resistance (
θ
JA).……………………………………………………………….73°C/W
Junction-to-Case Thermal Resistance (
θ
JC)……………………………………………………………………23°C/W
Note 1:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
DS1339-2
1.8
2.0
5.5
V
DS1339-3
2.7
3.0
5.5
DS1339-33
2.97
3.3
5.5
Backup Supply Voltage
VBACKUP
1.3
3.0
3.7
V
Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Logic 0
VIL
-0.3
+0.3 x
VCC
V
Power-Fail Voltage
VPF
DS1339-2
1.58
1.70
1.80
V
DS1339-3
2.45
2.59
2.70
DS1339-33
2.70
2.85
2.97




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl