Selected language     English  ▼


90-0107 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. 90-0107
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 7 page
background image
DS1339 I
2C Serial Real-Time Clock
7 of 20
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3v, TA = +25°C, unless otherwise noted.)
IBACKUP vs. VBACKUP
300
350
400
450
500
550
600
650
700
750
800
850
900
1.3 1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3
VBACKUP (V)
VCC=0V
RS1=RS0=1
IBATOSC2
(SQWE = 1)
IBATOSC1
(SQWE = 0)
IBACKUP vs. Temperature
VBACKUP = 3.0V
300
350
400
450
500
550
600
650
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
VCC=0V
INTCN = 0
RS2 = RS1 = 1
INTCN = 0
ICC vs. VCC
50
100
150
200
250
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
SCL=400kHz
ICCA
SCL=SDA=0Hz
ICCS
Oscillator Frequency vs. Supply Voltage
32768.0
32768.1
32768.2
32768.3
32768.4
32768.5
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Oscillator Supply Voltage (V)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl