Selected language     English  â–Ľ


90-0107 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part No. 90-0107
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 8 page
background image
DS1339 I
2C Serial Real-Time Clock
8 of 20
PIN DESCRIPTION
PIN
NAME
FUNCTION
µSOP
SO
1
—
X1
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator
circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 6pF. An external 32.768kHz oscillator can also drive the
DS1339. In this configuration, the X1 pin is connected to the external oscillator
signal and the X2 pin is left unconnected.
For more information about crystal selection and crystal layout considerations,
refer to Application Note 58: Crystal Considerations with Dallas Real-Time
Clocks.
2
—
X2
3
14
VBACKUP
Secondary Power Supply. Supply voltage must be held between 1.3V and 3.7V
for proper operation. This pin can be connected to a primary cell, such as a
lithium button cell. Additionally, this pin can be connected to a rechargeable cell
or a super cap when used in conjunction with the trickle-charge feature. Diodes
should not be placed in series between the backup source and the VBACKUP input,
or improper operation will result. If a backup supply is not required, VBACKUP must
be grounded. UL recognized to ensure against reverse charging current when
used with a lithium cell. For more information, visit www.maxim-ic.com/qa/info/ul.
4
15
GND
Ground. DC power is provided to the device on these pins.
5
16
SDA
Serial Data Input/Output. SDA is the input/output pin for the I
2C serial interface.
The SDA pin is an open-drain output and requires an external pullup resistor.
The pull up voltage may be up to 5.5V regardless of the voltage on VCC.
6
1
SCL
Serial Clock Input. SCL is used to synchronize data movement on the I
2C serial
interface. The pull up voltage may be up to 5.5V regardless of the voltage on
VCC.
7
2
SQW/
INT
Square-Wave/Interrupt Output. Programmable square-wave or interrupt output
signal. The SQW/
INT pin is an open-drain output and requires an external pullup
resistor. The pull up voltage may be up to 5.5V regardless of the voltage on VCC.
If not used, this pin may be left unconnected.
8
3
VCC
Primary Power Supply. When voltage is applied within normal limits, the device
is fully accessible and data can be written and read. When a backup supply is
connected and VCC is below VPF, reads and writes are inhibited. The timekeeping
and alarm functions operate when the device is powered by VCC or VBACKUP.
—
4–13
N.C.
No Connection. These pins are unused and must be connected to ground.
TYPICAL OPERATING CIRCUIT
DS1339
4
CPU
VCC
VCC
VCC
5
6
8
1
2
SDA
SCL
GND
X2
X1
VCC
RPU
RPU
CRYSTAL
SQW/INT
VBACKUP
3
7
i




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl