Selected language     English  ▼


90-0107 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. 90-0107
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
1 of 20
GENERAL DESCRIPTION
The DS1339 serial real-time clock (RTC) is a low-
power clock/date device with two programmable time-
of-day alarms and a programmable square-wave
output. Address and data are transferred serially
through an I
2C bus. The clock/date provides seconds,
minutes,
hours,
day,
date,
month,
and
year
information. The date at the end of the month is
automatically adjusted for months with fewer than 31
days, including corrections for leap year. The clock
operates in either the 24-hour or 12-hour format with
AM/PM indicator. The DS1339 has a built-in power-
sense
circuit
that
detects
power
failures
and
automatically
switches
to
the
backup
supply,
maintaining time, date, and alarm operation.
APPLICATIONS
Handhelds (GPS, POS Terminals)
Consumer Electronics (Set-Top Box, Digital
Recording, Network Appliance)
Office Equipment (Fax/Printers, Copier)
Medical (Glucometer, Medicine Dispenser)
Telecommunications (Routers, Switches, Servers)
Other (Utility Meter, Vending Machine, Thermostat,
Modem
)
FEATURES
Real-Time Clock (RTC) Counts Seconds, Minutes,
Hours, Day, Date, Month, and Year with Leap-
Year Compensation Valid Up to 2100
Available in a Surface-Mount Package with an
Integrated Crystal (DS1339C)
I
2C Serial Interface
Two Time-of-Day Alarms
Programmable Square-Wave Output
Oscillator Stop Flag
Automatic Power-Fail Detect and Switch Circuitry
Trickle-Charge Capability
Underwriters Laboratories (UL) Recognized
Pin Configurations appear at end of data sheet.
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V)
PIN-PACKAGE
TOP MARK†
DS1339C-2#
-40°C to +85°C
2.0
16 SO (300 mils)
DS1339C-2
DS1339C-3#
-40°C to +85°C
3.0
16 SO (300 mils)
DS1339C-3
DS1339C-33#
-40°C to +85°C
3.3
16 SO (300 mils)
DS1339C-33
DS1339U-2+
-40°C to +85°C
2.0
8
µSOP
1339 rr-2
DS1339U-3+
-40°C to +85°C
3.0
8
µSOP
1339 rr-3
DS1339U-33+
-40°C to +85°C
3.3
8
µSOP
1339 rr-33
+Denotes a lead(Pb)-free/RoHS-compliant package.
#Denotes a RoHS-compliant device that may include lead that is exempt under the RoHS requirements. The lead finish is JESD97 category
e3, and is compatible with both lead-based and lead-free soldering processes.
†A “+” anywhere on the top mark indicates a lead(Pb)-free device. A “#” denotes a RoHS-compliant device. rr = second line, revision code
DS1339
I
2C Serial Real-Time Clock
19-5770; Rev 4/11




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl