Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC01R-1.8TE13F Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT24WC01R-1.8TE13F
Description  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC01R-1.8TE13F Datasheet(HTML) 9 Page - Catalyst Semiconductor

  CAT24WC01R-1.8TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CAT24WC01/02/04/08/16
9
Doc. No. 25051-00 3/98 S-1
24WCXX F14
Notes:
(1) The device used in the above example is a 24WC02JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel)
ORDERING INFORMATION
5020 FHD F12
Figure 10. Sequential Read Timing
24WCXX F11
* = Don't Care for 24WC01
Figure 9. Selective Read Timing
** Available for 24WC01 and 24WC02
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
*
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
Prefix
Device #
Suffix
24WC02
J
I
TE13
Product Number
24WC01: 1K
24WC02: 2K
24WC04: 4K
24WC08: 8K
24WC16: 16K
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
U: TSSOP**
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
Optional
Company ID


Similar Part No. - CAT24WC01R-1.8TE13F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01RATE13F CATALYST-CAT24WC01RATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01RETE13F CATALYST-CAT24WC01RETE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01RITE13F CATALYST-CAT24WC01RITE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Similar Description - CAT24WC01R-1.8TE13F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com