Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTD713ZMT2L Datasheet(PDF) 7 Page - Rohm

Part # DTD713ZMT2L
Description  NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD713ZMT2L Datasheet(HTML) 7 Page - Rohm

  DTD713ZMT2L Datasheet HTML 1Page - Rohm DTD713ZMT2L Datasheet HTML 2Page - Rohm DTD713ZMT2L Datasheet HTML 3Page - Rohm DTD713ZMT2L Datasheet HTML 4Page - Rohm DTD713ZMT2L Datasheet HTML 5Page - Rohm DTD713ZMT2L Datasheet HTML 6Page - Rohm DTD713ZMT2L Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
R1120A
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the
consent of ROHM Co.,Ltd.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter
"Products"). If you wish to use any such Product, please be sure to refer to the specifications,
which can be obtained from ROHM upon request.
Examples of application circuits, circuit constants and any other information contained herein
illustrate the standard usage and operations of the Products. The peripheral conditions must
be taken into account when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document.
However, should you incur any damage arising from any inaccuracy or misprint of such
information, ROHM shall bear no responsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or
implicitly, any license to use or exercise intellectual property or other rights held by ROHM and
other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.
The Products specified in this document are intended to be used with general-use electronic
equipment or devices (such as audio visual equipment, office-automation equipment, commu-
nication devices, electronic appliances and amusement devices).
The Products specified in this document are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a
Product may fail or malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard
against the possibility of physical injury, fire or any other damage caused in the event of the
failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM
shall bear no responsibility whatsoever for your use of any Product outside of the prescribed
scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or
system which requires an extremely high level of reliability the failure or malfunction of which
may result in a direct threat to human life or create a risk of human injury (such as a medical
instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-
controller or other safety device). ROHM shall bear no responsibility in any way for use of any
of the Products for the above special purposes. If a Product is intended to be used for any
such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may
be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to
obtain a license or permit under the Law.


Similar Part No. - DTD713ZMT2L

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD713ZM ROHM-DTD713ZM Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD713ZM ROHM-DTD713ZM Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD713ZM ROHM-DTD713ZM Datasheet
353Kb / 7P
   NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTD713ZMT2L

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD743X ROHM-DTD743X Datasheet
354Kb / 7P
   NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
DTD743E ROHM-DTD743E Datasheet
353Kb / 7P
   NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
DTD723Y ROHM-DTD723Y Datasheet
353Kb / 7P
   NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
DTD713Z ROHM-DTD713Z Datasheet
353Kb / 7P
   NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
DTB743Z ROHM-DTB743Z Datasheet
401Kb / 7P
   PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
DTB713Z ROHM-DTB713Z Datasheet
355Kb / 7P
   PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
DTB723Y ROHM-DTB723Y Datasheet
305Kb / 7P
   PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
DTB743X ROHM-DTB743X Datasheet
317Kb / 7P
   PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JETL ROHM-DTC123JETL Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC114GKAT146 ROHM-DTC114GKAT146 Datasheet
901Kb / 6P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com