Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU5265SHFV Datasheet(PDF) 8 Page - Rohm

Part # BU5265SHFV
Description  Input Full Swing, Push-pull Output CMOS Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU5265SHFV Datasheet(HTML) 8 Page - Rohm

Back Button BU5265SHFV Datasheet HTML 4Page - Rohm BU5265SHFV Datasheet HTML 5Page - Rohm BU5265SHFV Datasheet HTML 6Page - Rohm BU5265SHFV Datasheet HTML 7Page - Rohm BU5265SHFV Datasheet HTML 8Page - Rohm BU5265SHFV Datasheet HTML 9Page - Rohm BU5265SHFV Datasheet HTML 10Page - Rohm BU5265SHFV Datasheet HTML 11Page - Rohm BU5265SHFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200430-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
8/17
27.Nov.2013 Rev.001
TSZ22111・15・001
BU5265HFV
BU5265SHFV
Typical Performance Curves - continued
○BU5265HFV, BU5265SHFV
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU5265HFV: -40
C to +85C BU5265SHFV: -40C to +105C
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
12
3
4
56
Supply Voltage [V]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-1
01
23
4
Input Voltage [V]
60
80
100
120
140
160
12
3
4
56
Supply Voltage [V]
Figure 13.
Input Offset Voltage vs Supply Voltage
(VICM=VDD, EK=-VDD/2)
Figure 14.
Input Offset Voltage vs Ambient Temperature
(VICM=VDD, EK=-VDD/2)
Figure 15.
Input Offset Voltage vs Input Voltage
(VDD=3V)
Figure 16.
Large Signal Voltage Gain vs Supply Voltage
-40°C
25°C
85°C
105°C
5.5V
3.0V
-40°C
25°C
85°C
105°C
-40°C
25°C
85°C
105°C
1.8V


Similar Part No. - BU5265SHFV

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
BU526 WINGS-BU526 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Savantic, Inc.
BU526 SAVANTIC-BU526 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU526 ISC-BU526 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU526 SAVANTIC-BU526 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU526 NJSEMI-BU526 Datasheet
125Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BU5265SHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU5255HFV ROHM-BU5255HFV Datasheet
494Kb / 21P
   Input Full Swing, Push-pull Output Low Supply Current CMOS Comparators
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com