Electronic Components Datasheet Search |
|
BU7233SF Datasheet(PDF) 1 Page - Rohm |
|
BU7233SF Datasheet(HTML) 1 Page - Rohm |
1 / 27 page www.rohm.com TSZ02201-0RFR1G200440-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 1/24 25.Dec.2013 Rev.002 TSZ22111・14・001 Datasheet Comparators Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators BU7230G BU7230SG BU7233F BU7233SF General Description BU7230G/BU7233F are input full swing and open drain comparators. BU7230SG/BU7233SF have an expanded operating temperature range. These features low operating supply voltage of +1.8V to +5.5V, low supply current and extremely low input bias current. Features Low Operating Supply Voltage Low Supply Current Input Full Swing Open Drain Output Type Wide Operating Temperature Range Low Input Bias Current Applications Battery Monitor Mobile Equipments Limit Comparator Consumer Electronics Key Specifications Operating Supply Voltage: Single Supply +1.8V to +5.5V Split Supply ±0.9V to ±2.75V Supply Current: BU7230G/BU7230SG 5µA BU7233F/BU7233SF 10µA Temperature Range: BU7230G/BU7233F -40°C to +85°C BU7230SG/BU7233SF -40°C to +105°C Input Offset Current: 1pA (Typ) Input Bias Current: 1pA (Typ) Packages jW(Typ) x D(Typ) x H(Max) SSOP5 2.90mm x 2.80mm x 1.25mm SOP8 5.00mm x 6.20mm x 1.71mm Pin Configuration BU7230G, BU7230SG: SSOP5 Pin No. Pin Name 1 IN- 2 VSS 3 IN+ 4 OUT 5 VDD BU7233F, BU7233SF: SOP8 Pin No. Pin Name 1 OUT1 2 IN1- 3 IN1+ 4 VSS 5 IN2+ 6 IN2- 7 OUT2 8 VDD 1 + - 2 3 4 5 VSS IN+ IN- VDD OUT + CH2 - + CH1 - + 1 2 3 4 8 7 6 5 VSS OUT1 IN1- IN1+ OUT2 VDD IN2+ IN2- ○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays. |
Similar Part No. - BU7233SF |
|
Similar Description - BU7233SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |