Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC121J Datasheet(PDF) 2 Page - C&K Components

Part # KSC121J
Description  KSC Series Sealed Tact Switch for SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC121J Datasheet(HTML) 2 Page - C&K Components

  KSC121J Datasheet HTML 1Page - C&K Components KSC121J Datasheet HTML 2Page - C&K Components KSC121J Datasheet HTML 3Page - C&K Components KSC121J Datasheet HTML 4Page - C&K Components KSC121J Datasheet HTML 5Page - C&K Components KSC121J Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B–24
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
23 july 12
+0,3
6,2 0
ø 2
4˚ max
R0,2
smooth surface
+0,3
6,2 0
2,
+0,3
6,2 0
ø 2,8
+0,3
6,2 0
ø 4,7
ø 2,9
ACTUATOR
KSC4 SOFT, 5,2 mm HIGH
KSC7 SOFT, 4,3 mm HIGH, BLUE ACTUATOR
KSC1 WITHOUT, 2.5 mm HIGH
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm HIGH
KSC3 HARD, 3,5 mm HIGH
+0,3
6,2 0
ø 2,9
KSC6 HARD, 7,7 mm HIGH
NOTE: Soft material available are
silicon 50 SH / 70 SH and EPDM,
please refer to KSC-ST datasheet.
+0,3
6,2 0
ø 3
KSC8 HARD, 4,9 mm HIGH
ø 2,96
ø 4,7
+0,3
6,2 0


Similar Part No. - KSC121J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC121J CK-COMPONENTS-KSC121J Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
logo
ITT Industries
KSC121J ITT-KSC121J Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC121J CK-COMPONENTS-KSC121J Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC121J CK-COMPONENTS-KSC121J Datasheet
312Kb / 6P
   Positive tactile feeling
KSC121J CK-COMPONENTS-KSC121J Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC121J

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC321G ITT-KSC321G Datasheet
250Kb / 5P
   KSC Series Sealed Tact Switch for SMT
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com