Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT261UGK Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DT261UGK
Description  An economical means of transferring power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DT261UGK Datasheet(HTML) 5 Page - Dallas Semiconductor

  DT261UGK Datasheet HTML 1Page - Dallas Semiconductor DT261UGK Datasheet HTML 2Page - Dallas Semiconductor DT261UGK Datasheet HTML 3Page - Dallas Semiconductor DT261UGK Datasheet HTML 4Page - Dallas Semiconductor DT261UGK Datasheet HTML 5Page - Dallas Semiconductor DT261UGK Datasheet HTML 6Page - Dallas Semiconductor DT261UGK Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Accessories, hubs and
standard lug capacities
Description
Catalog Number
Neutral Kits/Ground Kits 1
30–100A
200A
400ANon-Fusible
600ANon-Fusible
400–600AFusible
DT100NK
DT200NK
DT400NK
DT600NK
DS800NK
Ground Lug Kits 1
30–100A2
200A
400–800A
DS100GK
DS200GK
DS468GK
Switching Neutral Bonding Kits 3
30–100A,Three-Pole,Four-PoleNon-Fusible
200A,Three-Pole,Four-PoleNon-Fusible
400A,Three-Pole,Four-PoleNon-Fusible
600A,Three-Pole,Four-PoleNon-Fusible
800A,Three-Pole,Four-PoleNon-Fusible
DT100BK
DT200BK
DT400BK
DT600BK
DT800BK
Control Pole Kit 1
30–800A
DS16CP
Auxiliary Contact Kits 1
1NO/1NC
2NO/2NC
DS200EK1
DS200EK2
Copper Lug Kits 1
30–60A
100A
DS16CL
DS36CL
J Fuse Adapter Kits 4
60A
400A600V
DS26JK
DT400JK
R Fuse Adapter Kits 4
30A,240V
30A,600V;60A,240V
60A,600V
100A,240–600V
200A,240–600V
400A,240V
DS12FK
DS16FK
DS26FK
DS36FK
DS46FK
DS56FK
Lubricating Grease for Safety Switch
Blades and Contacts
Eachkitcontainsthree30cctubesof
lubricatinggrease.
DSLUBEKIT
A
Forheavy-dutyandgeneral-dutyquick-make,quick-break.
B
Groundbarkitisnotlistedondevicepublications.
C
Forheavy-dutynon-fusible.
D
Forheavy-dutyfusible.
Plate Type Hubs
For NEMA 3R Enclosures (Up to 200A)
Group 1
General-Duty, Heavy-Duty,
Double-Throw through 100A
Group 2
General-Duty, Heavy-Duty,
Double-Throw through 200A
Conduit Size
in Inches (mm)
Catalog
Number
Conduit Size
in Inches (mm)
Catalog
Number
0.75(19.1)
1.00(25.4)
1.25(31.8)
1.50(38.1)
2.00(50.8)
DS075H1
DS100H1
DS125H1
DS150H1
DS200H1
2.00(50.8)
2.50(63.5)
3.00(76.2)
——
DS200H2
DS250H2
DS300H2
Myers Type Hubs
NEMA 3R (400A and Above)
NEMA 4X (Stainless Steel) and 12
Conduit Size
in Inches (mm)
Catalog
Number
0.50(12.7)
0.75(19.1)
1.00(25.4)
1.25(31.8)
1.50(38.1)
2.00(50.8)
2.50(63.5)
3.00(76.2)
3.50(88.9)
4.00(101.6)
5.00(127.0)
DS050MH
DS075MH
DS100MH
DS125MH
DS150MH
DS200MH
DS250MH
DS300MH
DS350MH
DS400MH
DS500MH
Description
Minimum
Wire Size
Maximum
Wire Size
Wire
Type
30A
60A
100A
200A
400A
600AFusible
600ANon-Fusible
800A
#14
#14
#14
#6
(2)#1/0
(1)#1/0
(1)#2
(1)#1/0
(2)#250
(3)#250
#2
#2
#1/0
250kcmil
(2)300kcmil
(1)750kcmil
(1)600kcmil
(1)750kcmil
(2)500kcmil
(3)500kcmil
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Cu/Al
Copper-Bodied Lugs
30A
60A
100A
200A
400A
600A
#14
#14
#6
#6
#1/0
(2)#1/0
#6
#4
#1/0
250kcmil
500kcmil
(2)500kcmil
Cu
Cu
Cu
Cu
Cu
Cu
1. DT200NK
200A Neutral/Ground Kit
2. DS250H2
Plate Type Hub
3. DS26FK
60A 600V R Fuse Adapter Kit
4. DT100BK
100A Switching Neutral
Bonding Kit
5. DS468GK
400–800A Ground Lug Kit
6. DS050MH
Myers Hub
7. DS200EK1
Auxiliary Contact Kit
1NO/1NC
8. DS16CP
Control Pole Kit
9. DS26JK
60A J Fuse Adapter Kit
10. DS16CL
30–60A Copper Lug Kit
1
5
9
2
6
10
3
7
4
8
Accessories
Neutral, ground lug, control pole and auxiliary contact kits contain
materials for one switch base. Copper lug, 60A J fuse and R fuse
kits contain materials for one three-pole switch base. Switching neu-
tral bonding and 400A J fuse kit contents are for one complete dou-
ble-throw switch. Applicable accessories for a specific safety switch
can also be found on the inside door publication of the switch
Hubs
Catalog Number DS900AP Adapter Kit permits installation of
Group 1 hubs on 200A double-throw switches.
Standard lug capacities
Although certain lug capacities are larger than required, only mini-
mum wire bending space is provided per the requirements noted in
NEC Tables 373-6 (a) and (b) for respective ampere ratings.
8
EATON CORPORATION Double-throw safety switch
9
EATON CORPORATION Double-throw safety switch


Similar Part No. - DT261UGK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT26 ETC2-DT26 Datasheet
208Kb / 1P
   QUARTZ CRYSTAL RESONATOR
logo
Fronter Electronics Co....
DT26 FRONTER-DT26 Datasheet
127Kb / 2P
   DIP Tuning Fork 2x6 mm
logo
Diodes Incorporated
DT2636-04S DIODES-DT2636-04S Datasheet
152Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT2636-04S-7 DIODES-DT2636-04S-7 Datasheet
152Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - DT261UGK

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP460-70PFL FSP-FSP460-70PFL_15 Datasheet
147Kb / 1P
   An industrial level of switching power
FSP460-701UG FSP-FSP460-701UG_15 Datasheet
157Kb / 1P
   An industrial level of switching power
FSP460-701UH FSP-FSP460-701UH_15 Datasheet
158Kb / 1P
   An industrial level of switching power
logo
M/A-COM Technology Solu...
AN3010 MA-COM-AN3010 Datasheet
1Mb / 3P
   An Examination of Recovery Time of an Integrated Limiter/LNA
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
   High power capability Economical
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com