Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4165 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4165
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4165 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4165 Datasheet HTML 1Page - Maxim Integrated Products MAX4165 Datasheet HTML 2Page - Maxim Integrated Products MAX4165 Datasheet HTML 3Page - Maxim Integrated Products MAX4165 Datasheet HTML 4Page - Maxim Integrated Products MAX4165 Datasheet HTML 5Page - Maxim Integrated Products MAX4165 Datasheet HTML 6Page - Maxim Integrated Products MAX4165 Datasheet HTML 7Page - Maxim Integrated Products MAX4165 Datasheet HTML 8Page - Maxim Integrated Products MAX4165 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________ 5
70
-30
100
1k
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
10
0
-10
-20
MAX4165-01
FREQUENCY (Hz)
30
20
50
40
60
216
-144
0
-36
-72
-108
72
36
144
108
180
AVCL = +1000V/V
70
-30
100
1k
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
(CL = 250pF)
-20
MAX4165-02
FREQUENCY (Hz)
10
0
-10
50
40
30
20
60
216
-144
-108
0
-36
-72
144
108
72
36
180
AVCL = +1000V/V
CL = 250pF
10
-90
100
1k
10k
100k
1M
10M
100M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-70
-80
FREQUENCY (Hz)
-50
-60
-30
-40
-10
-20
0
AVCL = +1
1000
0.1
1
10
100
1k
10k 100k
1M
10M
OUTPUT IMPEDANCE vs. FREQUENCY
1
FREQUENCY (Hz)
10
100
80
-60
0
7
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
-40
60
COMMON-MODE VOLTAGE (V)
1
2
3
4
5
6
40
20
0
-20
VCC = +6.5V
VCC = +2.7V
1.6
0
-40
100
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
0.2
1.4
TEMPERATURE (°C)
-20
0
20
40
60
80
1.2
1.0
0.8
0.6
0.4
VCC = +6.5V
VCC = +2.7V
80
0
-40
100
SHUTDOWN SUPPLY CURRENT
PER AMPLIFIER vs. TEMPERATURE
20
10
70
60
TEMPERATURE (°C)
-20
0
20
40
60
80
50
40
30
VCC = +6.5V
VCC = +2.7V
80
-60
-40
100
INPUT BIAS CURRENT
vs. TEMPERATURE
-40
60
TEMPERATURE (°C)
-20
0
20
40
60
80
40
20
0
-20
VCC = +6.5V, VCM = VCC
VCC = +2.7V, VCM = VCC
VCC = +2.7V, VCM = VEE
VCC = +6.5V, VCM = VEE
2.25
-2.25
-40
80
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
-1.75
1.75
1.25
TEMPERATURE (°C)
-20
0
20
40
60
0.75
0.25
-0.75
-0.25
-1.25
SOT23-5
PACKAGE
SO PACKAGE
__________________________________________Typical Operating Characteristics
(VCC = +5.0V, VEE = 0V, RL = 100kΩ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
More results

Similar Description - MAX4165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com