Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L1606EXCI12G Datasheet(PDF) 5 Page - Macronix International

Part # MX25L1606EXCI12G
Description  MX25L1606E
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1606EXCI12G Datasheet(HTML) 5 Page - Macronix International

  MX25L1606EXCI12G Datasheet HTML 1Page - Macronix International MX25L1606EXCI12G Datasheet HTML 2Page - Macronix International MX25L1606EXCI12G Datasheet HTML 3Page - Macronix International MX25L1606EXCI12G Datasheet HTML 4Page - Macronix International MX25L1606EXCI12G Datasheet HTML 5Page - Macronix International MX25L1606EXCI12G Datasheet HTML 6Page - Macronix International MX25L1606EXCI12G Datasheet HTML 7Page - Macronix International MX25L1606EXCI12G Datasheet HTML 8Page - Macronix International MX25L1606EXCI12G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
P/N: PM1548
REV. 1.5, NOV. 06, 2013
MX25L1606E
16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
FEATURES
GENERAL
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 16,777,216 x 1 bit structure or 8,388,608 x 2 bits (Dual Output mode) structure
• 512 Equal Sectors with 4K byte each
- Any Sector can be erased individually
• 32 Equal Blocks with 64K byte each
- Any Block can be erased individually
• Program Capability
- Byte base
- Page base (256 bytes)
• Latch-up protected to 100mA from -1V to Vcc +1V
PERFORMANCE
• High Performance
- Fast access time: 86MHz serial clock
- Serial clock of Dual Output mode : 80MHz
- Fast program time: 0.6ms(typ.) and 3ms(max.)/page
- Byte program time: 9us (typ.)
- Fast erase time: 40ms(typ.) /sector ; 0.4s(typ.) /block
• Low Power Consumption
- Low active read current: 25mA(max.) at 86MHz
- Low active programming current: 15mA (typ.)
- Low active sector erase current: 9mA (typ.)
- Low standby current: 15uA (typ.)
- Deep power-down mode 2uA (typ.)
• Typical 100,000 erase/program cycles
• 20 years of data retention
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- Block lock protection
The BP3-BP0 status bit defines the size of the area to be software protection against program and erase instruc-
tions
- Additional 512 bit secured OTP for unique identifier
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)
• Status Register Feature
• Electronic Identification
- JEDEC 1-byte manufacturer ID and 2-byte device ID
- RES command for 1-byte Device ID


Similar Part No. - MX25L1606EXCI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1606EXCI-12G MCNIX-MX25L1606EXCI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com