Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4168 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4168
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4168 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4168 Datasheet HTML 3Page - Maxim Integrated Products MAX4168 Datasheet HTML 4Page - Maxim Integrated Products MAX4168 Datasheet HTML 5Page - Maxim Integrated Products MAX4168 Datasheet HTML 6Page - Maxim Integrated Products MAX4168 Datasheet HTML 7Page - Maxim Integrated Products MAX4168 Datasheet HTML 8Page - Maxim Integrated Products MAX4168 Datasheet HTML 9Page - Maxim Integrated Products MAX4168 Datasheet HTML 10Page - Maxim Integrated Products MAX4168 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________ 7
0.05
0
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
0.01
FREQUENCY (Hz)
0.02
0.03
0.04
VOUT = 2Vp-p
500kHz LOWPASS FILTER
RL = 10kΩ TO VCC / 2
1
0.001
4.0
4.6
4.8
5.0
TOTAL HARMONIC DISTORTION AND NOISE
vs. PEAK-TO-PEAK OUTPUT VOLTAGE
0.01
0.1
PEAK-TO-PEAK OUTPUT (V)
4.2
4.4
RL = 250Ω
RL = 2kΩ
RL = 100kΩ
RL = 25Ω
f = 10kHz
RL to VCC / 2
IN
(50mV/div)
OUT
(50mV/div)
SMALL-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4165-20
TIME (500ns/div)
AVCL = +1V/V
130
80
1k
100k
1M
10k
10M
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY
90
85
FREQUENCY (Hz)
100
95
110
105
120
125
115
IN
(50mV/div)
OUT
(50mV/div)
SMALL-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4165-21
TIME (500ns/div)
AVCL = -1V/V
IN
(2V/div)
OUT
(2V/div)
LARGE-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4165-22
TIME (5
µs/div)
AVCL = +1V/V
IN
(2V/div)
OUT
(2V/div)
LARGE-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4165-23
TIME (5
µs/div)
AVCL = -1V/V
300
0
50
-40
100
OUTPUT VOLTAGE HIGH
vs. TEMPERATURE
250
TEMPERATURE (°C)
-20
0
20
40
60
80
200
150
100
VCC = +6.5V, RL = 100Ω
VCC = +2.7V, RL = 100Ω
VCC = +6.5V OR + 2.7V, RL = 100kΩ
RL to VEE
____________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0V, RL = 100kΩ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4168 MAXIM-MAX4168 Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
More results

Similar Description - MAX4168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com